Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A5973AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # A5973AD
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A5973AD Datasheet HTML 5Page - STMicroelectronics A5973AD Datasheet HTML 6Page - STMicroelectronics A5973AD Datasheet HTML 7Page - STMicroelectronics A5973AD Datasheet HTML 8Page - STMicroelectronics A5973AD Datasheet HTML 9Page - STMicroelectronics A5973AD Datasheet HTML 10Page - STMicroelectronics A5973AD Datasheet HTML 11Page - STMicroelectronics A5973AD Datasheet HTML 12Page - STMicroelectronics A5973AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
A5973AD
Functional description
9/19
4.3
Oscillator and synchronizator
Figure 5 shows the block diagram of the oscillator circuit.
The clock generator provides the switching frequency of the device that is internally fixed at
500 kHz. The frequency shifter block acts reducing the switching frequency in case of strong
overcurrent or short circuit. The clock signal is then used in the internal logic circuitry and is
the input of the Ramp generator and synchronizator blocks.
The ramp generator circuit provides the sawtooth signal, used to realize the PWM control
and the internal voltage feed forward, while the Synchronizator circuit generates the
synchronization signal. Infact the device has a synchronization pin that can works both as
master and slave.
As master to synchronize external devices to the internal switching frequency.
As slave to synchronize itself by external signal.
In particular, connecting together two devices, the one with the lower switching frequency
works as slave and the other one works as master.
To synchronize the device, the SYNC pin has to pass from a low level to a level higher than
the synchronization threshold with a duty cycle that can vary approximately from 10 % to
90 %, depending also on the signal frequency and amplitude.
The frequency of the synchronization signal must be at least higher than the internal
switching frequency of the device (500 kHz).
Figure 5.
Oscillator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com