Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A6902D Datasheet(PDF) 4 Page - STMicroelectronics

Part # A6902D
Description  Up to 1 A step down switching regulator with adjustable current limit for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6902D Datasheet(HTML) 4 Page - STMicroelectronics

  A6902D Datasheet HTML 1Page - STMicroelectronics A6902D Datasheet HTML 2Page - STMicroelectronics A6902D Datasheet HTML 3Page - STMicroelectronics A6902D Datasheet HTML 4Page - STMicroelectronics A6902D Datasheet HTML 5Page - STMicroelectronics A6902D Datasheet HTML 6Page - STMicroelectronics A6902D Datasheet HTML 7Page - STMicroelectronics A6902D Datasheet HTML 8Page - STMicroelectronics A6902D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
A6902D
4/12
2
Pin connection
2.1
Pin connection
Figure 2.
Pin connection (top view)
2.2
Pin description
Table 1.
Pin description
N
Pin
Description
1
OUT
Regulator output.
2
CS+
Current error amplifier input (current sense at higher voltage)
3
CS-
Current error amplifier input (current sense at lower voltage)
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.23 V. An extenal resistive divider is required for higher
output voltages.
6VREF
3.3 V reference voltage. No cap is need for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com