Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B5973D Datasheet(PDF) 4 Page - STMicroelectronics

Part # B5973D
Description  2 A step down switching regulator for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5973D Datasheet(HTML) 4 Page - STMicroelectronics

  B5973D Datasheet HTML 1Page - STMicroelectronics B5973D Datasheet HTML 2Page - STMicroelectronics B5973D Datasheet HTML 3Page - STMicroelectronics B5973D Datasheet HTML 4Page - STMicroelectronics B5973D Datasheet HTML 5Page - STMicroelectronics B5973D Datasheet HTML 6Page - STMicroelectronics B5973D Datasheet HTML 7Page - STMicroelectronics B5973D Datasheet HTML 8Page - STMicroelectronics B5973D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical data
B5973D
3/11
2
Electrical data
2.1
Maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V8
Input voltage
40
V
V1
OUT pin DC voltage
OUT pin peak voltage at
Δt = 0.1μs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
int. limit.
V4 , V5
Analog pins
4
V
V3
INH
-0.3 to VCC
V
V2
SYNCH
-0.3 to 4
V
PTOT
Power dissipation at TA ≤ 70 °C
2.25
W
Tj
Operating junction temperature range
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
SO8
Unit
RthJA
Maximum thermal resistance junction-ambient
40 (1)
1.
Package mounted on board
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com