Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM108 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM108
Description  VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM108 Datasheet HTML 1Page - STMicroelectronics TSM108 Datasheet HTML 2Page - STMicroelectronics TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
OUTPUT HIGH SIDE CURRENT SENSING
PRECISE CC/CV REGULATION
ADJUSTABLE SWITCHING FREQUENCY
ADJUSTABLE OVP/UVP UVLO
THRESHOLDS
STANDBY MODE FEATURE
SUSTAINS 60V
MINIMAL EXTERNAL COMPONENTS
COUNT
DRIVES EXTERNAL P-CHANNEL MOSFET
OR PNP BIPOLAR TRANSISTORS
DESCRIPTION
TSM108 is a step-down PWM controller designed
to drive an external P-channel MOSFET, provid-
ing constant voltage and constant current regula-
tions in battery charger applications.
TSM108 can easily be configured for very wide
voltage and current needs.
It has been realized in rugged BCD technology
and includes a PWM generator, Voltage and Cur-
rent control loops, a precise Voltage Reference,
and a Gate Driver. The device can sustain 60V on
Vcc, and therefore meet the standard Load Dump
requirements of the 12V cars battery.
On boards there are other security functions which
lock the external power in OFF state: OVLO (Over
Voltage Lockout) and UVLO (Under Voltage Lock-
out). The mosfet gate is also protected from over
voltage drive thanks to a 12V clamping protection
circuit.
Moreover, a standby feature allows very low qui-
escent current when activated, but keeping safe
the external power element when Off.
The IC is suitable for 12V car accessories, as well
as other DC/DC step down converters.
APPLICATION DIAGRAM
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSM108I
-40°, +125°C
D
SO14
(Plastic Micropackage)
VCC
G
OV
UV
ICTRL
OSC
GND
VCOMP
VCTRL
ICOMP
VREF
VS
7
6
5
4
3
2
1
8
9
10
11
12
13
14
GD
!STBY
TSM108
VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
March 2006


Similar Part No. - TSM108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM108 STMICROELECTRONICS-TSM108 Datasheet
257Kb / 13P
AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
Nov-2001
TSM108D STMICROELECTRONICS-TSM108D Datasheet
257Kb / 13P
AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
Nov-2001
TSM108I STMICROELECTRONICS-TSM108I Datasheet
257Kb / 13P
AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
Nov-2001
TSM108ID STMICROELECTRONICS-TSM108ID Datasheet
257Kb / 13P
AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
Nov-2001
More results

Similar Description - TSM108

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Linear Technology
LT1619 LINER-LT1619_15 Datasheet
267Kb / 20P
Low Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com