Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRF19030LR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF19030LR3
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19030LR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF19030LR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19030LR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MRF19030LR3 MRF19030LSR3
3
RF Device Data
Freescale Semiconductor
Figure 1. MRF19030LR3(SR3) Test Circuit Schematic
B1 - B5
Short Ferrite Beads
C1, C7
10 pF Chip Capacitors
C2, C8
470 μF, 35 V Electrolytic Capacitors
C3, C5
0.1 μF Chip Capacitors
C4, C6
5.1 pF Chip Capacitors
C9
22 μF Tantalum Chip Capacitor
C10
0.4 - 2.5 pF Variable Capacitor, Johanson Gigatrim
L1 - L4
12.5 nH Inductors
R1 - R7
12 Ω Chip Resistors (0805)
Z1
0.080″ x 0.595″ Microstrip
Z2
0.080″ x 0.600″ Microstrip
Z3
0.080″ x 0.480″ Microstrip
Z4
0.325″ x 0.280″ Microstrip
Z5
0.510″ x 0.200″ Microstrip
Z6
0.510″ x 0.200″ Microstrip
Z7
0.325″ x 0.280″ Microstrip
Z8
0.080″ x 0.480″ Microstrip
Z9
0.080″ x 0.530″ Microstrip
Z10
0.080″ x 0.671″ Microstrip
Substrate
0.030″ x 3.00″ x 5.00″ Glass Teflon®,
Arlon
RF
INPUT
RF
OUTPUT
Z1
Z2
VBIAS
C1
C7
C2
+
L2
DUT
VSUPPLY
C6
Z9
Z10
L1
Z3
C8
+
C5
Z7
Z8
Z6
C3
B1
R1
B2
R2
C4
Z4
Z5
C9
L3
B3
R5
B4
R6
B5
R7
L4
+
R3
R4
C10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com