Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM3103 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3103
Description  300mAAdjustable High PSRR CMOS Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3103 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3103 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3103 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Applications
General Description
high PSRR
makes it useful in applications that require AC
noise suppression on the input power supply.
n
n
n
n
n
n
n
n
n
n
n
n
n
Low Dropout Voltage: 180mV@ 300mA
(3.3V)
Accuracy within ±2%
Quiescent Current: 65 A Typ.
High PSRR: 67dB@100Hz
Excellent Line/Load Regulation
Fast Response
Current Limiting
Short Circuit Protection
Low Temperature Coefficient
Space Saving Packages SOT2
V=
Shutdown Current: 0.5 A
Thermal Shutdown
3-5 and
SC70-5
Pb-Free Package
Cordless Phone
Cellular Phone
Bluetooth Earphone
Digital Camera
Portable Electronics
WLAN
M 3 Player
The PAM3103 is a positive, adjustable linear
regulator. It features low quiescent current (65 A
Typ.) and low dropout voltage, making it ideal for
battery powered applications. The output voltage
is adjustable from 1.2V through 5V. Its
Space-saving SOT23-5 and SC70-5 packages
are a ttractive for portable and handheld
applications. It has both thermal shutdown and a
current limit features to prevent device failure
under extreme operating conditions. It is stable
with an output capacitor of 2.2 F or greater.
O
μ
μ
μ
μ
n
n
n
n
n
n
n
P
Typical Application
PAM3103
300mA Adjustable High PSRR CMOS Linear Regulator
Block Diagram
1
www.poweranalog.com
VIN
VOUT
GND
EN
ADJ
Thermal
Protection
Error Amp
OverCurrent
Shutdown
Reference
V
V
*R1R2/R2
OREF
=
(+)
09/2008 Rev 1.2
R2
R1
C
C
100pF
C
2.2 F
O
μ
C
1F
IN
μ
IN
OUT
PAM3103
1
2
3
4
5
VIN
VOUT
EN
GND
ADJ
,
Power Analog Microelectronics Inc


Similar Part No. - PAM3103

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3103

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com