Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS3C3F30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS3C3F30L
Description  N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3C3F30L Datasheet(HTML) 2 Page - STMicroelectronics

  STS3C3F30L Datasheet HTML 1Page - STMicroelectronics STS3C3F30L Datasheet HTML 2Page - STMicroelectronics STS3C3F30L Datasheet HTML 3Page - STMicroelectronics STS3C3F30L Datasheet HTML 4Page - STMicroelectronics STS3C3F30L Datasheet HTML 5Page - STMicroelectronics STS3C3F30L Datasheet HTML 6Page - STMicroelectronics STS3C3F30L Datasheet HTML 7Page - STMicroelectronics STS3C3F30L Datasheet HTML 8Page - STMicroelectronics STS3C3F30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STS3C3F30L
2/10
THERMAL DATA
(1)
when mounted on 0.5 in2 pad of 2 oz. copper
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON
DYNAMIC
Rthj-amb(1)
Tl
Thermal Resistance Junction-ambient
Single Operation
Dual Operating
Maximum Lead Temperature For Soldering Purpose
62.5
78
300
°C/W
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
n-ch
p-ch
1
1
V
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 1.75 A
VGS = 10 V
ID = 1.5 A
VGS = 4.5 V
ID = 1.75 A
VGS = 4.5 V
ID = 1.5 A
n-ch
p-ch
n-ch
p-ch
50
140
60
160
65
165
90
200
m
Ω
m
Ω
m
Ω
m
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS = 15 V
ID= 1.75 A
VDS = 15 V
ID= 1.5 A
n-ch
p-ch
5.5
4
S
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
320
420
90
95
40
30
pF
pF
pF
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com