Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC4196 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4196
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4196 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4196 Datasheet HTML 1Page - Renesas Technology Corp 2SC4196 Datasheet HTML 2Page - Renesas Technology Corp 2SC4196 Datasheet HTML 3Page - Renesas Technology Corp 2SC4196 Datasheet HTML 4Page - Renesas Technology Corp 2SC4196 Datasheet HTML 5Page - Renesas Technology Corp 2SC4196 Datasheet HTML 6Page - Renesas Technology Corp 2SC4196 Datasheet HTML 7Page - Renesas Technology Corp 2SC4196 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC4196
Rev.3.00 Aug 10, 2005 page 3 of 7
Main Characteristics
0
50
100
150
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
0
40
80
120
160
200
5
12
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
10
20
50
VCE = 5 V
Pulse
0
1
2
3
4
5
12
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
10
20
50
VCE = 5 V
Pulse
0.6
0.7
0.8
0.9
1.0
1.1
5
12
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
10
20
50
IE = 0
f = 1 MHz
10
20
100
50
500
200
1,000
4
02
Supply Voltage VCC (V)
Oscillating Output Voltage vs.
Supply Voltage
68
10
f = 930 MHz
IC = 8 mA
5
3
10
20
100
50
500
200
1,000
2
0.5
1.0
Collector Current IC (mA)
Oscillating Output Voltage vs.
Collector Current
510
20
f = 930 MHz
VCC = 8 V
5
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com