Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M66592FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M66592FP Datasheet HTML 1Page - Renesas Technology Corp M66592FP Datasheet HTML 2Page - Renesas Technology Corp M66592FP Datasheet HTML 3Page - Renesas Technology Corp M66592FP Datasheet HTML 4Page - Renesas Technology Corp M66592FP Datasheet HTML 5Page - Renesas Technology Corp M66592FP Datasheet HTML 6Page - Renesas Technology Corp M66592FP Datasheet HTML 7Page - Renesas Technology Corp M66592FP Datasheet HTML 8Page - Renesas Technology Corp M66592FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 127 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 3 of 125
1.3 Pin layout diagram
Figure 1.1 shows the pin layout diagram (top view) of the controller.
D8
D7
D6/AD6
D5/AD5
D4/AD4
D3/AD3
D2/AD2
D1/AD1
D0
A6/ ALE
A5
A4
A3
A2
A1
MPBUS
M66592FP
(TOP VIEW)
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
SD6
SD7
INT_N
SOF_N
RD_N
WR0_N
WR1_N
CS_N
DREQ0_N
DACK0_N
DEND0_N
DREQ1_N
DACK1_N/DSTB0_N
DEND1_N
RST_N
VIF
Package
M66592FP : 64pinLQFP (0.5mm pitch)
*The “_N” in the signal name
indicates that the signal is in
the “L” active state.
Figure 1.1 Pin layout diagram of M66592FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com