Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTA312B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTA312B
Description  TURBOSWITCHTM ULTRA-FAST HIGH VOLTAGE DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA312B Datasheet(HTML) 5 Page - STMicroelectronics

  STTA312B Datasheet HTML 1Page - STMicroelectronics STTA312B Datasheet HTML 2Page - STMicroelectronics STTA312B Datasheet HTML 3Page - STMicroelectronics STTA312B Datasheet HTML 4Page - STMicroelectronics STTA312B Datasheet HTML 5Page - STMicroelectronics STTA312B Datasheet HTML 6Page - STMicroelectronics STTA312B Datasheet HTML 7Page - STMicroelectronics STTA312B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TOTAL LOSSES
due to the diode
P = P1+ P2+ P3+ P4+ P5
Watts
SWITCHING
LOSSES
in the diode
CONDUCTION
LOSSES
in the diode
REVERSE
LOSSES
in the diode
The 1200V TURBOSWITCH
TM
series has been
designed to provide the lowest overall power
losses in all frequency or high pulsed current
operations.
In such application (fig. A to D), the way of
calculating the power losses is given below :
APPLICATION DATA
SWITCHING
LOSSES
in the diode
due to the diode
Fig. A : ”FREEWHEEL MODE”.
DIODE:
TURBOSWITCH
IL
LOAD
TRANSISTOR
SWITCHING
t
T
F= 1/T
= t/T
VR
STTA312B
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com