Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC2898 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC2898
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2898 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC2898 Datasheet HTML 1Page - Renesas Technology Corp 2SC2898 Datasheet HTML 2Page - Renesas Technology Corp 2SC2898 Datasheet HTML 3Page - Renesas Technology Corp 2SC2898 Datasheet HTML 4Page - Renesas Technology Corp 2SC2898 Datasheet HTML 5Page - Renesas Technology Corp 2SC2898 Datasheet HTML 6Page - Renesas Technology Corp 2SC2898 Datasheet HTML 7Page - Renesas Technology Corp 2SC2898 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC2898
4
5
25
Collector to emitter voltage VCE (V)
Typical Output Characteristics
4
1
13
4
0
2
3
IB = 0
TC = 25°C
0.05 A
0.1
0.2
0.3
0.4
0.5
0.6
5
0.8
2.0
Base to emitter voltage VBE (V)
Typical Transfer Characteristics
4
1
0.4
1.2
1.6
0
2
3
TC = 25°C
VCE = 5 V
100
3
Collector current IC (A)
30
0.03
0.1
1.0
10
1
10
DC Current Transfer Ratio vs.
Collector Current
TC =
–25°
C
VCE = 5 V
0.01
3
0.3
75°C
25°C
10
Base current IB (A)
3
0.1
0.03
0.1
0.3
10
0.01
0.3
1.0
Collector to Emitter Saturation
Voltage vs. Base Current
IC = 1 A
TC = 25°C
0.01
0.03
1.0
3
2 A
5 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com