Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS3UM-9 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS3UM-9
Description  MITSUBISHI Nch POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3UM-9 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS3UM-9 Datasheet HTML 1Page - Renesas Technology Corp FS3UM-9 Datasheet HTML 2Page - Renesas Technology Corp FS3UM-9 Datasheet HTML 3Page - Renesas Technology Corp FS3UM-9 Datasheet HTML 4Page - Renesas Technology Corp FS3UM-9 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
40
32
24
16
8
0
0
4
8
12
16
20
ID=4A
TC=25°C
Pulse Test
3A
2A
1A
0
23
10–2
57 10–1 23 5 7 100 23 5 7 101
10
8
6
4
2
TC=25°C
Pulse Test
VGS=10V
20V
10
8
6
4
2
0
0
4
8
12
16
20
TC=25°C
VDS=50V
Pulse Test
101
7
5
3
2
10–1
10–1
23
5 7 100
100
7
5
3
2
23
5 7 101
TC=25°C
VDS=10V
Pulse Test
125°C
75°C
23 5 7 100
102
7
5
3
2
101
7
5
3
2
7
5
3
2
23 5 7 101 23 5 7 102 2
Ciss
Tch=25°C
f=1MHz
VGS=0V
Coss
Crss
23
5 7 100
102
7
5
3
2
101
7
5
5
3
2
23
5 7 101
10–1
Tch = 25°C
VDD = 200V
VGS = 10V
RGEN = RGS = 50
Ω
tf
td(off)
tr
td(on)
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
MITSUBISHI Nch POWER MOSFET
FS3UM-9
HIGH-SPEED SWITCHING USE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com