Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HD74AC366 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC366
Description  Hex Inverter Buffer with 3-State Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC366 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC366 Datasheet HTML 1Page - Renesas Technology Corp HD74AC366 Datasheet HTML 2Page - Renesas Technology Corp HD74AC366 Datasheet HTML 3Page - Renesas Technology Corp HD74AC366 Datasheet HTML 4Page - Renesas Technology Corp HD74AC366 Datasheet HTML 5Page - Renesas Technology Corp HD74AC366 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Jul.16.2004, page 1 of 5
HD74AC366
Hex Inverter Buffer with 3-State Output
REJ03D0270–0200Z
(Previous ADE-205-391 (Z))
Rev.2.00
Jul.16.2004
Features
• 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers
• Outputs Source/Sink 24 mA
• Ordering Information
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC366FPEL
SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74AC366RPEL
SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OE1
VCC
OE2
I
I
I
O
O
O
I
I
I
GND
O
O
O
(Top view)


Similar Part No. - HD74AC366

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
Hex Inverter Buffer with 3-State Output
More results

Similar Description - HD74AC366

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6885 NTE-NTE6885 Datasheet
32Kb / 4P
Integrated Circuit Hex 3-State Buffer/Inverter
logo
Fairchild Semiconductor
74F366 FAIRCHILD-74F366 Datasheet
51Kb / 5P
Hex Inverter Buffer with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
Hex Buffer/Driver with 3-State Output
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
Hex Inverter Buffer with 3-State Output
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
Hex Buffer/Driver with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
Hex Inverter Buffer with 3-State Output
logo
STMicroelectronics
M74HC368 STMICROELECTRONICS-M74HC368 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT INVERTING
Jul-2001
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
Hex Buffer/Driver with 3-State Output
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
Hex Buffer/Driver with 3-State Output
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
Hex Inverter Buffer with 3-State Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com