Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV2112B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV2112B
Description  BUS-CONTROLLED PAL/SECAM TV PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2112B Datasheet(HTML) 4 Page - STMicroelectronics

  STV2112B Datasheet HTML 1Page - STMicroelectronics STV2112B Datasheet HTML 2Page - STMicroelectronics STV2112B Datasheet HTML 3Page - STMicroelectronics STV2112B Datasheet HTML 4Page - STMicroelectronics STV2112B Datasheet HTML 5Page - STMicroelectronics STV2112B Datasheet HTML 6Page - STMicroelectronics STV2112B Datasheet HTML 7Page - STMicroelectronics STV2112B Datasheet HTML 8Page - STMicroelectronics STV2112B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
3 - VIDEO CIRCUIT
- 2 RGB inputs : RGB (OSD) input has priority
against the RGBext. Maximum contrast on RGB
(OSD). -12dB range contrast control on RGBext.
Possibility to disable the RGBext insertion
through the bus.
- Oversize blanking capability on FB(OSD)(Pin15)
input. The RGB ouputs will be blanked when the
voltage on Pin 15 will exceed the second thresh-
old at 1.9V (blanking threshold) : the whole field
is blanked but not the inserted cut-off pulses. The
OSD insertion threshold is 0.7V.
- Automatic cut-off current loop : 2V cut-off range.
Sequential cut-off current measurement during
the three lines after the frame blanking signal.
Leakage current measurement during the frame
blanking, memorization on an internal capacitor.
- Warm up detector.
- Beam current limiter DC voltage input.
The beam current limiter control voltage will act
on contrast first, then the brightness will be de-
creased when contrast attenuationreaches -5dB.
- Bus control of the red, green and blue channel
gain (White point adjustment)
- Bus control of the red and green DC levels (black
point adjustment)
- PAL and SECAM matrix).
- Switch-off of the trap filter in SVHS mode.
- Bus controlled contrast on luminance (20dB range)
- Bus controlled saturation (50dB range)
- Bus controlled brightness : 40% range at maxi-
mum contrast.
- Bus controlled sharpness (peaking) ; sharpness
active in PAL standard only.
- Noise coring function on sharpness.
4 - CHROMA CIRCUIT
4.1 - PAL/SECAM Decoders
- SVHS inputs ; bus controlled SVHS mode.
- 30dB range ACC
- Use of an external base band delay line
(STV2180 recommended)
- Automatic standard identification, with possibility
to force the standard through the bus.
4.2 - PAL Decoder
- ACC done by peak detector on synchronous de-
modulation of the burst
- Fully integrated killer functions.
- VCO using crystal 4.43MHz
XTAL SPECIFICATION :
Frequency :
4.433619MHz (PAL/SECAM)
Vibration mode : Fondamental,series resonance
(no serial capacitor)
Motional capacity : 13fF
±3fF
Resonance resistance : < 70
Ω
Shunt capacitance : < 7pF
Spurious response : No resonance at 3*fo
±3kHz
-0
o and
±90o demodulation angles for PAL
4.3 - SECAM Decoder
- ACC
- Fully integrated killer
- Two integrated discriminators with two PLL
- Integrated deemphasis
4.4 - Standard Identification
- Sequential identification.
- 2 identification sequences :
PAL mode, SECAM mode
- PAL priority
- the SECAM mode is locked after two identified
SECAM sequences
- the SECAM mode can be selected in 50Hz only
- Blanking of the (R-Y) and B-Y) outputs during
color search mode.
5 - OTHER FUNCTIONS : IF CONTROLS
5.1 - Volume Control and Mute
The volume control voltage range on Pin 10 is from
0.5V to 5V.
A low voltage on Pin 10 (below 0.2V) will mute the
FM demodulator of the IF circuit STV8224.
It will put the volume at the minimum level and thus
there will be no soundeither in TV mode or SCART
mode.
The volume control voltage and the mute level are
controlled by the bus.
5.2 - IF Standard and TV/SCART Mode Selection
The selection of IF standard (positive or negative
vision modulation)and theTV/SCARTmode is con-
trolled by the bus. The selection is convertedin four
voltages on Pin 21.
The lowest voltage selects the TV mode and the
NEGATIVE vision modulation.
The highest voltage (open collector output with
internal pull-up resistor to VCC) selects the SCART
mode and the NEGATIVE vision modulation.
The two other intermediate voltages select either
TV mode and POSITIVE vision modulation or
SCART mode and POSITIVE vision modulation.
FUNCTIONAL DESCRIPTION (continued)
STV2112B
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com