Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV2118B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV2118B
Description  BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2118B Datasheet(HTML) 5 Page - STMicroelectronics

  STV2118B Datasheet HTML 1Page - STMicroelectronics STV2118B Datasheet HTML 2Page - STMicroelectronics STV2118B Datasheet HTML 3Page - STMicroelectronics STV2118B Datasheet HTML 4Page - STMicroelectronics STV2118B Datasheet HTML 5Page - STMicroelectronics STV2118B Datasheet HTML 6Page - STMicroelectronics STV2118B Datasheet HTML 7Page - STMicroelectronics STV2118B Datasheet HTML 8Page - STMicroelectronics STV2118B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
FUNCTIONAL DESCRIPTION (continued)
4 - CHROMA CIRCUIT
4.1 - PAL/SECAM/NTSC Decoders
- SVHS inputs ; bus controlled SVHS mode.
- 30dB range ACC
- Use of an external base band delay line
(STV2180 recommended)
- Automatic standard identification, with possibility
to force the standard through the bus.
4.2 - PAL/NTSC Decoders
- ACC done by peak detector on synchronous de-
modulation of the burst
- Fully integrated killer functions.
- VCO using two standard crystals : 4.43MHz and
3.58MHz. One crystal is internally selected de-
pending on the standard selection.
XTAL SPECIFICATION :
Frequency :
4.433619MHz (PAL/SECAM)
3.579545MHz (NTSC M)
3.575611MHz (PAL M)
3.582056MHz (PAL N)
Vibration mode : Fondamental, series resonance
(no serial capacitor)
Motional capacity : 13fF
±3fF
Resonance resistance : < 70
Ω
Shunt capacitance : < 7pF
Spurious response : No resonance at 3*fo
±3kHz
-0
o and
±90o demodulationangles for PAL
-(0
o,90o)or (0o,104o) = demodulation angles for
NTSC. The selection of 90
o or 104o is made
through the bus.
- Bus control Hue adjustment in NTSC mode.
4.3 - SECAM Decoder
- ACC
- Fully integrated killer
- Two integrated discriminators with two PLL
- Integrated deemphasis
4.4 - Standard Identification
- Sequential identification.
- 3 identification sequences : XTAL1 (4.43MHz)
mode to identify either PAL or NTSC, XTAL2
(3.58MHz) mode to identify either PAL or NTSC,
SECAM mode (XTAL1 selection).
- PAL/NTSC priority
- the SECAM mode is locked after two identified
SECAM sequences
- the SECAM mode can be selected in 50Hz only
- Blanking of the (R-Y) and B-Y) outputs during
color search mode.
5 - OTHER FUNCTIONS : IF CONTROLS
5.1 - Volume Control and Mute
The volume control voltage range on Pin 10 is from
0.5V to 5V. A low voltage on Pin 10 (below 0.2V)
will mute the FM demodulator of the IF circuit
STV8224. It will put the volume at the minimum
level and thus there will be no sound either in TV
mode or SCART mode.
The volume control voltage and the mute level are
controlled by the bus.
5.2 - IF Standard and TV/SCART Mode Selection
The selection of IF standard (positive or negative
vision modulation) and theTV/SCART mode is con-
trolled by the bus. The selection is converted in four
voltages on Pin 21.
The lowest voltage selects the TV mode and the
NEGATIVE vision modulation.
The highest voltage (open collector output with
internal pull-up resistor to VCC) selects the SCART
mode and the NEGATIVE vision modulation.
The two other intermediate voltages select either
TV mode and POSITIVE vision modulation or
SCART mode and POSITIVE vision modulation.
STV2118B
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com