Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV2145 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics STV2145 Datasheet HTML 11Page - STMicroelectronics STV2145 Datasheet HTML 12Page - STMicroelectronics STV2145 Datasheet HTML 13Page - STMicroelectronics STV2145 Datasheet HTML 14Page - STMicroelectronics STV2145 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VF
UP
S_CORRECTION = 1111
Original Sawtooth
(SCOMIN)
VF
LOW
∆V
SAW
∆V
SAW
S-Correction
Sawtooth
TF
MID
VDC
Fix Points
Points of
Max. Deviation
72
127 167 207 262
Approximative
Line Number
S_CORRECTION = 0000
Max. Corrected
Sawtooth (SCOMAX)
Figure 3
V
SAW
Vertical
Sawtooth
V
SAWB
V
MID
Figure 4
16
R0
2xR0
15
R0
2x R0
V
MID
V
SAW
14
V
BRIDGE
(~13V)
R
SENS
Transconductance
Amplifier
SENSP
SENSM
FROUT
C
STAB
V
REF (2 - 3V)
Vertival YOKE
Vertical
Power
Amplifier
STV2145
C
STAB = 1 to 10nF to guarantee stability (oscillation)
Figure 5
13
5k
Ω
Error Amplifier
EWOUT
STV2145
Test circuit : all measurement values
are related to this test circuit, measured at Pin EWIN.
All East-West values below are depending
on the following settings :
V_AMPLITUDE = (1111111) and no breathing
(Pin BREATH at V
CC).
12
EWIN
100nF
1k
Ω
V
CC
Figure 6
V
DC
V
SENS =0
(see Note 5)
V
PAR
V
SENS =VFUP
V
SENS =VFLOW
(Line 167 for 50Hz)
Parabola Outside
of Fix Points
Amplitude defined for the Fix points VF
UP and VFLOW
(definition see : vertical ramp generator).
Note : valid for all following definitions of parabola amplitude :
between EW_AMPLITUDE = mon. and max. there is a
linear progression in the amplitude V
PAR.
Figure 7
STV2145
11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com