Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV5730A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV5730A
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV5730A Datasheet HTML 3Page - STMicroelectronics STV5730A Datasheet HTML 4Page - STMicroelectronics STV5730A Datasheet HTML 5Page - STMicroelectronics STV5730A Datasheet HTML 6Page - STMicroelectronics STV5730A Datasheet HTML 7Page - STMicroelectronics STV5730A Datasheet HTML 8Page - STMicroelectronics STV5730A Datasheet HTML 9Page - STMicroelectronics STV5730A Datasheet HTML 10Page - STMicroelectronics STV5730A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
FUNCTIONAL DESCRIPTION
The STV5730A operates in ”mixed mode” or ”full
page mode” :
- Mixed mode : the device is line locked to the
incoming CVBS signal. The text is superimposed
over the CVBS input either in B&W or translucent.
It may also be superimposed in color by using the
R/G/B outputs.
- Full page mode : the device generates a colored
PAL or NTSC CVBS output and simultaneous
R/G/B outputs. Both ”normal full page” and
”video full page” modes are supported by the
STV5730A. In the ”normal full page” the screen
background is uniformely colored, while the
”video full page” mode permits to display the
unlocked VIDEO IN signal in the screen back-
ground area.
It performs the following text features :
- Page composition : 11 rows X 28 characters
- Number of displayed characters : 308 (max)
- Character composition : 12 dots X 18 lines
- ROM character set : 128 user definable characters
- Screen display positions : 58 horizontal positions,
63 vertical positions
- Row position offset , each row : Xoffset from 0 to
+15, Yoffset from -17 to +17
- Display enable : each row or page
- Character color : 1 out of 8, each character
- Character background color : 1 out of 8, charac-
ter and page enabled or set identical to character
color
- Character border color : 1 out of 8, row enabled
or set identical to character color
- Page background color : 1 out of 8
- Zoom : 3 independant zoom factors for rows 0,
1 to 9 and 10.
- Zoom factors : four independant X and Y zoom
factors
- Blink : character and page enabled
- Blink frequency : 0.5 or 1.0 second
- Blink duty cycle : 0.25, 0.5 or 0.75
1 - THE INTERNAL RAM BUFFER
It stores the page (i.e. the text definition) and the row attributes.
1.1 - Page
The page includes 11 row buffers, numbered from 0 to 10. Each row buffer includes 28 characters,
numbered from 0 to 27. The characters may be written one by one by the microprocessor for random
access. They also may be written sequentially, starting with any character address.
1.2 - Character Format and Attributes
11
10
9
8
7
6
0
BE
R
G
B
BK
CHARACTER CODE
CHARACTER CODE : 1 character out of 128 from the character ROM
BK
: BK=0 : character blink disabled
BK=1 : character blink enabled
R/G/B
: Character color :
000
001
010
011
100
101
110
111
black
blue
green
cyan
red
magenta
yellow
white
BE
: BE=0 :
BE=1 :
the character background is disabled
the character background is enabled
STV5730A
7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com