Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV6411A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6411A
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411A Datasheet(HTML) 2 Page - STMicroelectronics

  STV6411A Datasheet HTML 1Page - STMicroelectronics STV6411A Datasheet HTML 2Page - STMicroelectronics STV6411A Datasheet HTML 3Page - STMicroelectronics STV6411A Datasheet HTML 4Page - STMicroelectronics STV6411A Datasheet HTML 5Page - STMicroelectronics STV6411A Datasheet HTML 6Page - STMicroelectronics STV6411A Datasheet HTML 7Page - STMicroelectronics STV6411A Datasheet HTML 8Page - STMicroelectronics STV6411A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
ROUT_TV
GNDA
RIN_TV
V
CCA
YCVBSIN_TV
V
REF
GOUT_TV
LOUT_VCR
BOUT_TV
ROUT_VCR
LOUT_CINCH
ROUT_CINCH
CIN_TV
LIN_TV
LIN_VCR
YCVBSIN_VCR
FBOUT_TV
FBIN_VCR (see Note 1)
FBIN_ENC
ADD
SCL
SDA
V
CC12
NC
SLB_TV
NC
GNDV1
SLB_VCR
RIN_VCR (see Note 1)
GIN_VCR (see Note 1)
NC
BIN_VCR (see Note 1)
Note 1 : Pins (xx_VCR) identified as xx_AUX in STV6410A.
PIN CONNECTIONS
PIN LIST
Pin Number
Symbol
Description
1
RCOUT_TV
Red/chroma Output, to TV Scart
2
LOUT_TV
Audio Left Output, to TV Scart
3
YCVBSOUT_TV
Y/CVBS Output, to TV scart
4
NC
Not Connected
5
COUT_VCR
Chroma Output, to VCR Scart
6
NC
Not Connected
7
YCVBSOUT_VCR
Y/CVBS Output, to VCR Scart
8
AOUT_RF
Audio (L+R) Output to RF Modulator
9
VOUT_RF
Video (CVBS) Output to RF Modulator
10
GNDV3
Video Switches Ground 3
11
FILTER
Chroma Trap Filter
12
VCCV3
Video Switches Supply 3 (8V)
13
NC
Not Connected
14
GNDV2
Video Switches Ground 2
15
NC
Not Connected
16
VCCV2
Video Switches Supply 2 (8V)
STV6411A
2/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com