Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS70SM-2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS70SM-2
Description  High-Speed Switching Use Nch Power MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS70SM-2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS70SM-2 Datasheet HTML 1Page - Renesas Technology Corp FS70SM-2 Datasheet HTML 2Page - Renesas Technology Corp FS70SM-2 Datasheet HTML 3Page - Renesas Technology Corp FS70SM-2 Datasheet HTML 4Page - Renesas Technology Corp FS70SM-2 Datasheet HTML 5Page - Renesas Technology Corp FS70SM-2 Datasheet HTML 6Page - Renesas Technology Corp FS70SM-2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FS70SM-2
Rev.2.00
Aug 07, 2006
page 3 of 6
Performance Curves
Power Dissipation Derating Curve
Case Temperature Tc (°C)
Maximum Safe Operating Area
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
Output Characteristics (Typical)
Drain-Source Voltage VDS (V)
On-State Voltage vs.
Gate-Source Voltage (Typical)
Gate-Source Voltage VGS (V)
On-State Resistance vs.
Drain Current (Typical)
Drain Current ID (A)
0
40
80
120
160
200
0
200
50
100
150
100
3
5
7
101
2
3
5
7
102
2
3
5
7
100
35 7
2
101
35 7
2
102
35 7
2
3
23
100
µs
1ms
DC
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
VGS = 20V
8V 6V
5V
4V
10V
VGS = 20V 10V 8V
5V
6V
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
PD = 150W
PD = 35W
0
0.4
0.8
1.2
1.6
2.0
0
4
8
12
16
20
30A
70A
0
4
8
12
16
20
100
35 7
2
101
35 7
2
102
35 7
23
20V
VGS = 10V
100A
Tc = 25
°C
Single Pulse
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
tw = 10
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com