Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV8203 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV8203
Description  MULTISTANDARD TV SOUND DEMODULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8203 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV8203 Datasheet HTML 22Page - STMicroelectronics STV8203 Datasheet HTML 23Page - STMicroelectronics STV8203 Datasheet HTML 24Page - STMicroelectronics STV8203 Datasheet HTML 25Page - STMicroelectronics STV8203 Datasheet HTML 26Page - STMicroelectronics STV8203 Datasheet HTML 27Page - STMicroelectronics STV8203 Datasheet HTML 28Page - STMicroelectronics STV8203 Datasheet HTML 29Page - STMicroelectronics STV8203 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
FIFQ2 - FIFQ1 (DCO Fine Frequency)
Address
: 2C-3A
Type
: R/W
Reset
: 1100 0100 for FIFQ2 - 1100 0111 for FIFQ1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CHANNEL 2 or CHANNEL 1 DCO FINE FREQUENCY (8LSB’s)
The DCO’s, which are set to the carrier frequency to be demodulated, are adjusted in two parts as follows :
C
=
Fc
Fs
⋅ 48, where Fc is the carrier frequency, Fs is the crystal frequency
Take the nearest integer, Ci, for the 6 bits of the COFQ register
F
=(C − Ci) ⋅
2
9
3
Take the nearest integer, Fi, for the 8 bits of the FIFQ register.
Common frequencies with Fs = 27MHz :
Fc (MHz)
Ci
Fi
decimal
binary
decimal
binary
5.5
10
001010
-38
11011010
5.74
10
001010
35
00100011
5.85
10
001010
68
01000100
6.0
11
001011
-57
11000111
6.552
12
001100
-60
11000100
ACOEFF2 - ACOEFF1 (PLL Loop Filter Proportional Coefficient)
Address
: 2D-3B
Type
: R/W
Reset
: 10010000 for ACOEFF2 - 0010 0011 for ACOEFF1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DMD SW2 or 1
0
COARSE A2 or A1
SIGN A2 or A1
FINE A2 or A1
DMD SW
: Mode switch : 0 = FM, 1 = QPSK
COARSE A,
SIGNA, FINE A
: Program the PLL (FM/QPSK carrier recovery) loop filter proportional coefficient A :
A coefficient = coarse + (sign x fine)
COARSE
Value
00
0
01
1
10
1/2
11
1/4
SIGN
0+
1-
FINE
Value
000
0
001
1/2
010
1/4
011
1/8
100
1/16
101
1/32
110
1/64
111
Not used
PROGRAMMING THE DEVICE (continued)
STV8203
26/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com