Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV8211 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV8211
Description  VIDEO & SOUND IF SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8211 Datasheet(HTML) 2 Page - STMicroelectronics

  STV8211 Datasheet HTML 1Page - STMicroelectronics STV8211 Datasheet HTML 2Page - STMicroelectronics STV8211 Datasheet HTML 3Page - STMicroelectronics STV8211 Datasheet HTML 4Page - STMicroelectronics STV8211 Datasheet HTML 5Page - STMicroelectronics STV8211 Datasheet HTML 6Page - STMicroelectronics STV8211 Datasheet HTML 7Page - STMicroelectronics STV8211 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
3
5
6
7
8
910
16
17
18
19
20
11
12
14
15
TUNER
DELAY
AGC
1
3IF
AMPLIFIER
REFERENCE
AMPLIFIER
38.9MHz
AFC
38.9MHz
Video
Peaking
I TUNER OUT
IF INPUT
IF INPUT
AFC OUTPUT
RTD
AUDIO OUTPUT
V9V
CC
VIDEO
AMPLIFIER
WHITE & NOISE
SPOT INVERTER
CVBS OUTPUT
5.5MHz
LPF
FM
DICRETE
VOLUME
CONTROL
4 STAGE LIMITER
5.5MHz
BAND GAP
REFERENCE
VOLTAGE
STV8211
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
13.5
V
VX
Tuner AGC Voltage
VS
V
P
Power Dissipation at Tamb =70
oC
880
mW
Tstg
Storage Temperature
- 40, + 150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance
Max.
80
oC/W
ELECTRICAL CHARACTERISTICS
(Tamb =25
oC, VCC = 9V, IF input = 10mVRMS top sync, D = 90%, Video BW = 5MHz,
Sound carrier input : 5.5MHz, 10mVRMS,fm = 1kHz, Audio BW = 20kHz,
∆f= ± 25kHz,
Volume attenuation= 0dB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SUPPLY
Supply Voltage
8
9
12.8
V
Supply Current
14
20
28
mA
STV8211
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com