Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M38007T-PRB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38007T-PRB
Description  Converter for Connecting 64-pin RSS Type Emulator MCU to 64-pin 0.5, 0.65 and 0.8mm-pitch QFP Target
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38007T-PRB Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38007T-PRB Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
M38007T-PRB
Converter for Connecting 64-pin RSS Type Emulator MCU to 64-pin
0.5, 0.65 and 0.8mm-pitch QFP Target
Function
The M38007T-PRB is a board to convert the pin assignment of
64-pin RSS type emulator MCU to that of 64-pin 0.5mm-pitch,
0.65mm-pitch and 0.8mm-pitch QFP.
Application
Use the M38007T-PRB to insert RSS type emulator MCU into
the M38007T-PRB socket.
• When the target MCU is 64-pin 0.5mm-pitch QFP
The M3T-64LCC-QSD IC package converter is required. Use
the M3T-64LCC-QSD to solder it to the target and to insert the
M38007T-PBR into the M3T-64D0-64P6S socket.
• When the target MCU is 64-pin 0.65mm-pitch QFP
The M3T-64D0-64P6S IC package converter is required. Use
the M3T-64D0-64P6S to solder it to the target and to insert the
M38007T-PBR into the M3T-64D0-64P6S socket.
• When the target MCU is 64-pin 0.8mm-pitch QFP
The LCC socket is required on the target. Use the
M38007T-PRB to insert the LCC socket on the target.
Dimensions
67.6(D)×62.0(W)×25.0(H)mm
[Ordering Information] See Appendix H "Ordering Information".


Similar Part No. - M38007T-PRB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38007T-ADS RENESAS-M38007T-ADS Datasheet
1Mb / 10P
Temporary Target Board
More results

Similar Description - M38007T-PRB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-64DIP-DMS RENESAS-M3T-64DIP-DMS Datasheet
134Kb / 1P
Converter for Connecting 64-pin RSS Type Emulator MCU to M3T-DUMMY64
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
M3T-FLX-64NSA RENESAS-M3T-FLX-64NSA Datasheet
362Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 64-pin 0.8mm-pitch QFP/LQFP
M38C29T-64LCA RENESAS-M38C29T-64LCA Datasheet
36Kb / 1P
Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.8mm-pitch QFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
PCA4625 RENESAS-PCA4625 Datasheet
105Kb / 1P
Converter for Connecting 64-pin RSS Type Emulator MCU to 52-pin 1.778mm-pitch SDIP
PCA4627 RENESAS-PCA4627 Datasheet
83Kb / 1P
Converter for Connecting 52-pin RSS Type Emulator MCU to 42-pin 1.778mm-pitch SDIP
PCA4906 RENESAS-PCA4906 Datasheet
134Kb / 1P
Converter for Connecting 42-pin RSS Emulator MCU to 32-pin 1.778mm-pitch SDIP
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
PCA4912 RENESAS-PCA4912 Datasheet
130Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.27mm-pitch SOP
PCA4913 RENESAS-PCA4913 Datasheet
172Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 44-pin 0.8mm-pitch QFP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com