Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCA4906 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PCA4906
Description  Converter for Connecting 42-pin RSS Emulator MCU to 32-pin 1.778mm-pitch SDIP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCA4906 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PCA4906 Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The PCA4906 is a board for converting the pin assignment of
42-pin RSS type emulator MCU (M37478RSS, etc.) to that of
32-pin 1.778mm-pitch SDIP (M37477Mx-XXXXSP, etc.).
Application
Use the PCA4906 to insert it into the 32-pin SDIP socket on the
target and to insert RSS type emulator MCU into the PCA4906
socket.
Dimensions
23.0(D)×40.0(W)×12.5(H)mm
Pin Diameter
ø 0.45mm
[Ordering Information] See Appendix H "Ordering Information".
PCA4906
Converter for Connecting 42-pin RSS Emulator MCU to 32-pin
1.778mm-pitch SDIP


Similar Part No. - PCA4906

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
More results

Similar Description - PCA4906

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-42DIP-DMS RENESAS-M3T-42DIP-DMS Datasheet
147Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to M3T-DCT42B-450 (or M3T-SSOP42B-450)
M3T-64DIP-DMS RENESAS-M3T-64DIP-DMS Datasheet
134Kb / 1P
Converter for Connecting 64-pin RSS Type Emulator MCU to M3T-DUMMY64
M3T-FLX-42SPB RENESAS-M3T-FLX-42SPB Datasheet
33Kb / 1P
Converter for Connecting 42-pin 1.778mm-pitch SDIP
M34513T-PTCA RENESAS-M34513T-PTCA Datasheet
167Kb / 1P
Converter for Connecting 32-pin 1.778mm-pitch SDIP (for 4500 Series)
M37530T-PTCC RENESAS-M37530T-PTCC Datasheet
181Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.778mm-pitch SDIP (for 7531, 7540, 7542 and 7544 Groups)
PCA4625 RENESAS-PCA4625 Datasheet
105Kb / 1P
Converter for Connecting 64-pin RSS Type Emulator MCU to 52-pin 1.778mm-pitch SDIP
PCA4627 RENESAS-PCA4627 Datasheet
83Kb / 1P
Converter for Connecting 52-pin RSS Type Emulator MCU to 42-pin 1.778mm-pitch SDIP
PCA4907 RENESAS-PCA4907 Datasheet
137Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 56-pin 0.8mm-pitch QFP
PCA4912 RENESAS-PCA4912 Datasheet
130Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.27mm-pitch SOP
PCA4913 RENESAS-PCA4913 Datasheet
172Kb / 1P
Converter for Connecting 42-pin RSS Type Emulator MCU to 44-pin 0.8mm-pitch QFP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com