Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW6NB90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW6NB90
Description  N - CHANNEL 900V - 1.7ohm - 6.3A - TO-247 PowerMESH MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6NB90 Datasheet(HTML) 1 Page - STMicroelectronics

  STW6NB90 Datasheet HTML 1Page - STMicroelectronics STW6NB90 Datasheet HTML 2Page - STMicroelectronics STW6NB90 Datasheet HTML 3Page - STMicroelectronics STW6NB90 Datasheet HTML 4Page - STMicroelectronics STW6NB90 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STW6NB90
N - CHANNEL 900V - 1.7
Ω - 6.3A - TO-247
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.7
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced
family
of
power
MOSFETs
with
outstanding
performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
s
HIGH CURRENT, HIGH SPEED SWITCHING
®
INTERNAL SCHEMATIC DIAGRAM
February 1999
1
2
3
TO-247
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
900
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
oC
6.3
A
ID
Drain Current (continuous) at Tc = 100
oC4
A
IDM(
•)
Drain Current (pulsed)
25
A
Ptot
Total Dissipation at Tc = 25
o C
160
W
Derating Factor
1.28
W/
o C
dv/dt(1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
(1) ISD
≤ 6A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW6NB90
900 V
< 2
Ω
6.3 A
1/5


Similar Part No. - STW6NB90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW6NB90 ISC-STW6NB90 Datasheet
436Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW6NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6NB90 STMICROELECTRONICS-STB6NB90 Datasheet
48Kb / 5P
N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET
Feb-1999
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Oct-1998
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Jun-1999
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH™ III MOSFET
Oct-2000
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH™ II MOSFET
Jul-2000
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
STGW30N90D STMICROELECTRONICS-STGW30N90D Datasheet
159Kb / 10P
N-channel 900V - 30A - TO-247 Very fast PowerMESH IGBT
19-Jul-2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com