Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW9NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW9NB80
Description  N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STW9NB80 Datasheet HTML 1Page - STMicroelectronics STW9NB80 Datasheet HTML 2Page - STMicroelectronics STW9NB80 Datasheet HTML 3Page - STMicroelectronics STW9NB80 Datasheet HTML 4Page - STMicroelectronics STW9NB80 Datasheet HTML 5Page - STMicroelectronics STW9NB80 Datasheet HTML 6Page - STMicroelectronics STW9NB80 Datasheet HTML 7Page - STMicroelectronics STW9NB80 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STW9NB80
N-CHANNEL 800V - 0.85
Ω - 9.3A - TO-247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.85
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
800
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC9.3
A
ID
Drain Current (continuous) at Tc =100
oC5.8
A
IDM (
•)
Drain Current (pulsed)
37
A
Ptot
T otal Dissipation at Tc =25
oC190
W
Derating Factor
1.52
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
(1) I SD
≤ 9.3A, di/dt ≤ 200A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STW 9NB80
800 V
< 1
Ω
9. 3 A
July 1999
1
2
3
TO-247
1/8


Similar Part No. - STW9NB80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW9NB80 ISC-STW9NB80 Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW9NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh™II MOSFET
Jul-2001
STU9NB80 STMICROELECTRONICS-STU9NB80 Datasheet
82Kb / 8P
N-CHANNEL 800V - 0.85ohm - 9.3A - TO-247 PowerMESH MOSFET
Jul-1999
STW11NB80 STMICROELECTRONICS-STW11NB80 Datasheet
87Kb / 8P
N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET
Jul-1999
STW5NB90 STMICROELECTRONICS-STW5NB90 Datasheet
85Kb / 8P
N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
Mar-1999
STW7NB80 STMICROELECTRONICS-STW7NB80 Datasheet
88Kb / 8P
N-CHANNEL 800V - 1.6ohm - 6.5A - TO-247 PowerMESH MOSFET
Dec-1999
STW7NC80Z STMICROELECTRONICS-STW7NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH™ III MOSFET
Jul-2000
STW8NB80 STMICROELECTRONICS-STW8NB80 Datasheet
50Kb / 5P
N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
Jan-1999
STW9NA80 STMICROELECTRONICS-STW9NA80 Datasheet
132Kb / 10P
N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
Nov-1998
STW9NB90 STMICROELECTRONICS-STW9NB90 Datasheet
87Kb / 8P
N-CHANNEL 900V - 0.85ohm - 9.7A - TO-247 PowerMESH MOSFET
Jul-1999
STW9NC80Z STMICROELECTRONICS-STW9NC80Z Datasheet
248Kb / 8P
N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
Sep-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com