Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW9NC80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW9NC80Z
Description  N-CHANNEL 800V - 0.82ohm - 9.4A TO-247 Zener-Protected PowerMESH™ II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9NC80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STW9NC80Z Datasheet HTML 1Page - STMicroelectronics STW9NC80Z Datasheet HTML 2Page - STMicroelectronics STW9NC80Z Datasheet HTML 3Page - STMicroelectronics STW9NC80Z Datasheet HTML 4Page - STMicroelectronics STW9NC80Z Datasheet HTML 5Page - STMicroelectronics STW9NC80Z Datasheet HTML 6Page - STMicroelectronics STW9NC80Z Datasheet HTML 7Page - STMicroelectronics STW9NC80Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STW9NC80Z
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON (RESISTIVE LOAD)
SWITCHING OFF (INDUCTIVE LOAD)
SOURCE DRAIN DIODE
GATE-SOURCE ZENER DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. ∆VBV = αT (25°-T) BVGSO(25°)
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the 25V Zener voltage is appropriate to achieve an efficient
and cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid
the usage of external components.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 400V, ID = 4.5A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
35
ns
tr
Rise Time
16
ns
Qg
Total Gate Charge
VDD = 640V, ID = 9 A,
VGS = 10V
72.2
101
nC
Qgs
Gate-Source Charge
19.5
nC
Qgd
Gate-Drain Charge
24.3
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 640V, ID = 9 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
32
ns
tf
Fall Time
42
ns
tc
Cross-over Time
67
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
9.4
A
ISDM (2)
Source-drain Current (pulsed)
38
A
VSD (1)
Forward On Voltage
ISD = 9 A, VGS = 0
1.6
V
trr
Reverse Recovery Time
ISD = 9 A, di/dt = 100A/µs,
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
730
ns
Qrr
Reverse Recovery Charge
7.2
µC
IRRM
Reverse Recovery Current
19.5
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 1mA (Open Drain)
25
V
αT
Voltage Thermal Coefficient
T=25°C Note(3)
1.3
10-4/°C
Rz
Dynamic Resistance
IGS = 50 mA, VGS = 0
90
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com