Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R8C12 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C12 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C12 Datasheet HTML 35Page - Renesas Technology Corp R8C12 Datasheet HTML 36Page - Renesas Technology Corp R8C12 Datasheet HTML 37Page - Renesas Technology Corp R8C12 Datasheet HTML 38Page - Renesas Technology Corp R8C12 Datasheet HTML 39Page - Renesas Technology Corp R8C12 Datasheet HTML 40Page - Renesas Technology Corp R8C12 Datasheet HTML 41Page - Renesas Technology Corp R8C12 Datasheet HTML 42Page - Renesas Technology Corp R8C12 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 29 of 181
REJ09B0110-0120
Generated Interrupt Factor
Bit showing interrupt factor
Oscillation stop detection
(a) The OCD3 bit in the OCD register = 1
( (a) or (b) )
(b) The OCD1 to OCD0 bits in the OCD register = 112 and the
OCD2 bit = 1
Figure 6.6 Switching Clock Source From On-Chip Oscillator to Main Clock
Table 6.5 Determination of Interrupt Factor of Oscillation Stop Detection or Watchdog Timer Interrupt)
Switch to Main clock
Verify OCD3 bit
Determine several times
1(main clock stop)
0(main clock oscillating)
Determine several times that the main clock is supplied
Set OCD2 bit to 0
(selecting main clock)
OCD3 to OCD0 bits: Bits in OCD register
End
Set OCD1 to OCD0 bits to 002
(oscillation stop detection function disabled)
6.5 Oscillation Stop Detection Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com