Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SH7708 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 523Page - Renesas Technology Corp SH7708 Datasheet HTML 524Page - Renesas Technology Corp SH7708 Datasheet HTML 525Page - Renesas Technology Corp SH7708 Datasheet HTML 526Page - Renesas Technology Corp SH7708 Datasheet HTML 527Page - Renesas Technology Corp SH7708 Datasheet HTML 528Page - Renesas Technology Corp SH7708 Datasheet HTML 529Page - Renesas Technology Corp SH7708 Datasheet HTML 530Page - Renesas Technology Corp SH7708 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 633 page
background image
509
Table 17.7
Bus Timing (Conditions: Clock Mode 0/1/2/7, VCC = 3.15–3.6 V, Ta = –20 to
75
°C) (cont)
–60*
1
Item
Symbol
Min
Max
Unit
Figure
RAS delay time 1
tRASD1
—
13
ns
17.23–17.44
RAS delay time 2
tRASD2
1.5
13
ns
CAS delay time 1
tCASD1
—13
ns
CAS delay time 2
tCASD2
1.5
13
ns
DQM delay time
tDQMD
1.5
12
ns
CKE delay time
tCKED
—12
ns
CE delay time
tCED
—
13
ns
17.45–17.51
OE, RFSH delay time
tOED
—13
ns
ICIORD delay time
tICRSD
—
12
ns
17.56–17.58
ICIOWR delay time
tICWSD
—12
ns
IOIS16 setup time
tIO16S
12
—
ns
IOIS16 hold time
tIO16H
4—
ns
Notes
1. Upper limit of external bus clock is 60 MHz.
2.
WAIT is a synchronous signal. Operation cannot be guaranteed if the setup and hold
times shown here are not observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com