Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

4551 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 4551
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 87Page - Renesas Technology Corp 4551 Datasheet HTML 88Page - Renesas Technology Corp 4551 Datasheet HTML 89Page - Renesas Technology Corp 4551 Datasheet HTML 90Page - Renesas Technology Corp 4551 Datasheet HTML 91Page - Renesas Technology Corp 4551 Datasheet HTML 92Page - Renesas Technology Corp 4551 Datasheet HTML 93Page - Renesas Technology Corp 4551 Datasheet HTML 94Page - Renesas Technology Corp 4551 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 155 page
background image
APPLICATION
2.2 Interrupts
2-13
4551 Group User’s Manual
Fig. 2.2.2 External interrupt setting example
Note: The valid waveforms causing the interrupt must be retained at their level for 4 cycles or more
of system clock.
 Set Port
Port used for external interrupt is set to input port.
Set to input (SD instruction)
Clear the external interrupt activated condition
(SNZ0 instruction)
!! ! 0
b3
b0
b3
b0
! 1 !!
b0
b3
! 0 !!
Interrupt enable flag INTE
Interrupt control register V1
“0”
Œ Disable Interrupts
External interrupt is temporarily disabled.
All interrupts disabled (DI instruction)
External interrupt occur disabled (TV1A instruction)
Port D5 output latch “1”
Ž Set Valid Waveform
Valid waveform of INT pin is selected.
Interrupt control register I1
Interrupt control register I1
Rising waveform selected (TI1A instruction)
Falling waveform selected (TI1A instruction)
g Note when interrupt valid waveform is changed
When Ž is executed, depending on the input state of INT pin, the interrupt request
flag EXF0 may be set to “1.”
Accordingly, insert the NOP instruction after the TI1A instruction.
 Clear Interrupt Request
External interrupt activated condition is cleared.
External interrupt request flag EXF0 “0”
g Note when interrupt request is cleared
When  is executed, considering the skip of the next instruction according to the
interrupt request flag EXF0, insert the NOP instruction after the SNZ0 instruction.
 Enable Interrupts
External interrupt which is temporarily disabled is enabled.
Interrupt control register V1
Interrupt enable flag INTE
External interrupt occur enabled (TV1A instruction)
All interrupts enabled (EI instruction)
b3
b0
!!! 1
“1”
External interrupt execution started
“!” : it can be “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com