Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7263M Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7263M
Description  1212W STEREO AMPLIFIER WITH MUTING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7263M Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7263M Datasheet HTML 1Page - STMicroelectronics TDA7263M Datasheet HTML 2Page - STMicroelectronics TDA7263M Datasheet HTML 3Page - STMicroelectronics TDA7263M Datasheet HTML 4Page - STMicroelectronics TDA7263M Datasheet HTML 5Page - STMicroelectronics TDA7263M Datasheet HTML 6Page - STMicroelectronics TDA7263M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BUILT-IN PROTECTION SYSTEMS
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers
the following advantages:
1-an overload on the output (even if it is perma-
nent), or an excessive ambient temperature
can be easily withstood.
2-the heatsink can have a smaller factor of
safety compared with that of a conventional
circuit. There is no device damage in the case
of excessive junction temperature; all that
happens is that PO (and therefore Ptot) and IO
are reduced.
SHORT CIRCUIT (AC CONDITIONS)
The TDA7263M can withstand accidental short
circuits across the speaker made by a wrong con-
nection during normal play operation.
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of figure 1. Different
values can be used; the following table can help the designer.
Component
Recomm.
Value
Purpose
Larger Than
Smaller Than
R1 and R3
1.5K
Ω
Close loop gain setting (*)
Increase of gain
Decrease of gain
R2 and R4
47
Ω
Close loop gain setting (*)
Decrease of gain
Increase of gain
R5 and R6
4.7
Ω
Frequency stability
Danger of oscillations
C1 and C2
100nF
Input DC decoupling
Higher SVR
Higher low frequency cutoff
C3
47
µF
- Ripple Rejection
- Mute time constant
Increase of the Switch-on
time
- Degradation of SVR
- Worse turn-off pop by muting
C4
100nF
Supply Voltage Bypass
Danger of oscillations
C5
1000
µF
Supply Voltage Bypass
C6 and C7
47
µF
Feedback input DC
decoupling
Increase of the Switch-on
time
Decrease of the Switch-on
time
C8 and C9
0.1
µF
Frequency stability
Danger of oscillations
C10 and C11
1000
µF
Output DC decoupling
Higher low-frequency cut-off
(*) Closed loop gain must be higher than 26dB
Figure 8: P. C. Board and Component Layout of the Application Circuit (1:1 scale).
TDA7263M
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com