Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7267 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7267
Description  2W MONO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7267 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7267 Datasheet HTML 1Page - STMicroelectronics TDA7267 Datasheet HTML 2Page - STMicroelectronics TDA7267 Datasheet HTML 3Page - STMicroelectronics TDA7267 Datasheet HTML 4Page - STMicroelectronics TDA7267 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
18
V
IO
Output Put Peak Current
1.5
A
Top
Operating Temperature Range
0 to 70
°C
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature Range
-40 to 125
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to ambient (on PCB)
80
°C/W
Rth j-case
Thermal Resistance Junction to case
15
°C/W
VS
OUT
SVR
IN
1
3
2
4
GND
GND
GND
GND
8
7
6
5
D94AU163
PIN CONNECTION (Top view)
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C; VS = 12V; RL = 8Ω; f = 1KHz; unless otherwise speci-
fied.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
4.5
18
V
IS
Quiescent Current
20
30
mA
Isb
Stand-By Current
Pin 3 shorted to GND
0.3
mA
VO
Quiescent Output Voltage
6
V
AV
Voltage Gain
32
dB
RIN
Input Impedance
100
K
Ω
PO
Output Power
THD = 10%
1.8
2
W
THD
Distortion
PO = 1W
1.0
%
SVR
Supply Voltage Rejection
Vripple = 150mVrms;
Fripple = 1KHz
50
dB
EI
Input Noise Voltage
Rg = 10K
Ω; BW = 20Hz to 20KHz
1.5
5
µV
Vsb
Stand-By Enable Voltage
1
V
TDA7267
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com