Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7310 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7310
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7310 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7310 Datasheet HTML 1Page - STMicroelectronics TDA7310 Datasheet HTML 2Page - STMicroelectronics TDA7310 Datasheet HTML 3Page - STMicroelectronics TDA7310 Datasheet HTML 4Page - STMicroelectronics TDA7310 Datasheet HTML 5Page - STMicroelectronics TDA7310 Datasheet HTML 6Page - STMicroelectronics TDA7310 Datasheet HTML 7Page - STMicroelectronics TDA7310 Datasheet HTML 8Page - STMicroelectronics TDA7310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TREBLE CONTROL (1)
Control Range
+14
dB
Step Resolution
2
dB
VDC
DC Steps
adjacent control steps
0.1
mV
AUDIO OUTPUTS
Clipping Level
d = 0.3%
2.5
Vrms
Output Load Resistance
2
K
Ω
Output Load Capacitance
10
nF
Output resistance
75
120
Ω
DC Voltage Level
4.2
4.5
4.8
V
GENERAL
eNO
Output Noise
BW = 20-20KHz, flat
output muted
all gains = 0dB
2.5
515
µV
µV
S/N
Signal to Noise Ratio
all gains = 0dB; VO = 1Vrms
106
dB
d
Distortion
VIN = 1Vrms
0.01
%
Sc
Channel Separation left/right
80
103
dB
Total Tracking error
AV = 0 to -20dB
-20 to -60 dB
0
0
1
2
dB
dB
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
LOUDNESS SWITCH
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
DC Step
ON
←→ OFF position
0.1
mV
Loudness OFF = pin38 Open;
Loudness ON = pin 38 Closed to GND
ADDRESS PIN (Internal 50K
Ω pull down resistor)
VIL
Input Low Voltage
1V
VIH
Input High Voltage
VCC -1V
V
IIN
Input Current
µA
Notes:
(1) Bass and Treble response see attached diagram (fig.17). The center frequency and quality of the resonance behaviour can be choosen by
the external circuitry. A standard first order bass response can be realized by a standard feedback network
(2) The selected input is grounded thru the 2.2
µF capacitor.
TDA7310
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com