Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7311 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7311
Description  SERIAL BUS CONTROLLED AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7311 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7311 Datasheet HTML 3Page - STMicroelectronics TDA7311 Datasheet HTML 4Page - STMicroelectronics TDA7311 Datasheet HTML 5Page - STMicroelectronics TDA7311 Datasheet HTML 6Page - STMicroelectronics TDA7311 Datasheet HTML 7Page - STMicroelectronics TDA7311 Datasheet HTML 8Page - STMicroelectronics TDA7311 Datasheet HTML 9Page - STMicroelectronics TDA7311 Datasheet HTML 10Page - STMicroelectronics TDA7311 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SOFTWARE SPECIFICATION (continued)
VOLUME GAIN
MSB
LSB
1.25dB STEPS
1
X
X
X
0
0
0
0
0.00
1
X
X
X
0
0
0
1
1.25
1
X
X
X
0
0
1
0
2.50
1
X
X
X
0
0
1
1
3.75
1
X
X
X
0
1
0
0
5.00
1
X
X
X
0
1
0
1
6.25
1
X
X
X
0
1
1
0
7.50
1
X
X
X
0
1
1
1
8.75
1
X
X
X
1
0
0
0
10.00
1
X
X
X
1
0
0
1
11.25
SPEAKER ATTENUATION
MSB
LSB
1.25dB STEPS
10
0
0
0
1
0
0
1
-1.25
1
0
1
0
-2.50
1
0
1
1
-3.75
1
1
0
0
-5.00
1
1
0
1
-6.25
1
1
1
0
-7.50
1
1
1
1
-8.75
10dB STEPS
1
X
000
0
1
X
001
-10
1
X
010
-20
1
X
011
-30
1
X
1
1
111
1
MUTE
AUDIO SWITCH
MSB
LSB
INPUT
1
X
X
X
X
0
0
0
MONO
1
X
X
X
X
0
0
1
DIFF1
1
X
X
X
X
0
1
0
DIFF2
1
XXX
X
0
1
1
IN3
1
XXX
X
1
0
0
IN4
1
X
X
X
X
1
1
1
SECMUTE
TDA7311
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com