Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7340 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7340
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7340 Datasheet HTML 8Page - STMicroelectronics TDA7340 Datasheet HTML 9Page - STMicroelectronics TDA7340 Datasheet HTML 10Page - STMicroelectronics TDA7340 Datasheet HTML 11Page - STMicroelectronics TDA7340 Datasheet HTML 12Page - STMicroelectronics TDA7340 Datasheet HTML 13Page - STMicroelectronics TDA7340 Datasheet HTML 14Page - STMicroelectronics TDA7340 Datasheet HTML 15Page - STMicroelectronics TDA7340 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
VOLUME
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0.31dB FINE ATTENUATION STEPS
00
0
0
1
-0.31dB
1
0
-0.62dB
1
1
-0.94dB
1.25dB COARSE ATTENUATION STEPS
000
0dB
0
0
1
-1.25dB
0
1
0
-2.5dB
0
1
1
-3.75dB
1
0
0
-5dB
1
0
1
-6.25dB
1
1
0
-7.5dB
1
1
1
-8.75dB
10dB GAIN ATTENUATION STEPS
0
0
0
20dB
0
0
1
10dB
010
0dB
0
1
1
-10dB
1
0
0
-20dB
1
0
1
-30dB
1
1
0
-40dB
1
1
1
-50dB
For example to select -47.81dB Volume the Data Byte is: 11011001
STATUS AFTER POWER ON RESET
VOLUME
-59.69dB
BASS, TREBLE
Treble = +2dB, Bass = 0dB, symmetrical
SPKRS LF, RF, LR, RR
-37.5dB
LOUDNESS
OFF , -17.5dB
INPUT
No input selected, GAIN = 0dB, DIFF CD GAIN = -06dB, FULLY DIFF MODE
STEREODEC
OFF , FORCED MONO, 6dB GAIN, PILOT THRESHOLD LOW, NOISE BLANKER =11
MUTE
DIRECTLY MUTED, SOFT OFF, ZEROCROSS RESET, WINDOW THRESHOLD =11
TDA7340
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com