Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7340P Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7340P
Description  AUDIO SIGNAL PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7340P Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7340P Datasheet HTML 5Page - STMicroelectronics TDA7340P Datasheet HTML 6Page - STMicroelectronics TDA7340P Datasheet HTML 7Page - STMicroelectronics TDA7340P Datasheet HTML 8Page - STMicroelectronics TDA7340P Datasheet HTML 9Page - STMicroelectronics TDA7340P Datasheet HTML 10Page - STMicroelectronics TDA7340P Datasheet HTML 11Page - STMicroelectronics TDA7340P Datasheet HTML 12Page - STMicroelectronics TDA7340P Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NOTES TO THE CHARACTERISTICS (continued)
5. Control range typ 11% of VR (see figure 2)
6. Control range typ 30% of VR (see figure 1)
Figure 1: High Cut Control
-0.4
-0.3
-0.2
-0.1
VSB-VR(V)
D94AU056
0
10
20
30
40
50
SEP
(dB)
VR=3.6V
Figure 2: Stereo Blend
I
2C BUS INTERFACE
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, (the LSB bit determines
read/write transmission).
A subaddress byte
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
ACK = Acknowledge
S = Start
P = Stop
I = Autoincrement
MAX CLOCK SPEED 500kbits/s
Autoincrement
If bit I in the subaddress byte is set to ”1”, the autoincrement of subaddress is enabled.
VTH
VMPX
DC-LEVEL
TR
THIGH
TF
Time
D94AU185
Figure 3
(*) All thresholds are measured by using a pulse with TR =2
µs,
THIGH =2
µs and TF =10µs.
The repetition rate must not increase the PEAK voltage.
S
1000100
R/W
ACK
I
ACK
DATA
ACK
P
MSB
LSB
MSB
LSB
MSB
LSB
CHIP ADDRESS
D95AU216
XX
T
A3 A2 A1 A0
SUBADDRESS
DATA 1 ... DATA n
TDA7340
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com