Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7343 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7343
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7343 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7343 Datasheet HTML 4Page - STMicroelectronics TDA7343 Datasheet HTML 5Page - STMicroelectronics TDA7343 Datasheet HTML 6Page - STMicroelectronics TDA7343 Datasheet HTML 7Page - STMicroelectronics TDA7343 Datasheet HTML 8Page - STMicroelectronics TDA7343 Datasheet HTML 9Page - STMicroelectronics TDA7343 Datasheet HTML 10Page - STMicroelectronics TDA7343 Datasheet HTML 11Page - STMicroelectronics TDA7343 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DATA BYTE SPECIFICATION
X = not relevant; set to ”1” during testing
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
X
X
1
0
0
0
not used
X
X
1
0
0
1
IN 2
X
X
1
0
1
0
IN 1
X
X
1
0
1
1
AM mono
X
X
1
1
0
0
not used
X
X
1
1
0
1
not used
X
X
1
1
1
0
not allowed
X
X
1
1
1
1
not allowed
X
X
1
0
0
11.25dB gain
X
X
1
0
1
7.5dB gain
X
X
1
1
0
3.75dB gain
X
X
1
1
1
0dB gain
For example to select the IN 2 input with a gain of 7.5dB the Data Byte is: X X 1010 0 1
Input Selector
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
000
00
0dB
X
X
X
0
0
0
0
1
-1.25dB
X
X
X
0
0
0
1
0
-2.5dB
X
X
X
0
0
0
1
1
-3.75dB
X
X
X
0
0
1
0
0
-5dB
X
X
X
0
0
1
0
1
-6.25dB
X
X
X
0
0
1
1
0
-7.5dB
X
X
X
0
0
1
1
1
-8.75dB
X
X
X
0
1
0
0
0
-10dB
X
X
X
0
1
0
0
1
-11.25dB
X
X
X
0
1
0
1
0
-12.5dB
X
X
X
0
1
0
1
1
-13.75dB
X
X
X
0
1
1
0
0
-15dB
X
X
X
0
1
1
0
1
-16.25dB
X
X
X
0
1
1
1
0
-17.5dB
X
X
X
0
1
1
1
1
-18.75dB
X
X
X
1
D3
D2
D1
D0
Loudness OFF (1)
For example to select -17.5dB attenuation, loudness OFF, the Data Byte is: X X X1 1 1 1 0
NOTE 1:
If the loudness is switched OFF, the loudness stage is acting like a volume attenuator with flat fre quency response. D0 to D3 determine the
attenuation level.
Loudness
TDA7343
8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com