Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7348D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7348D
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7348D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7348D Datasheet HTML 5Page - STMicroelectronics TDA7348D Datasheet HTML 6Page - STMicroelectronics TDA7348D Datasheet HTML 7Page - STMicroelectronics TDA7348D Datasheet HTML 8Page - STMicroelectronics TDA7348D Datasheet HTML 9Page - STMicroelectronics TDA7348D Datasheet HTML 10Page - STMicroelectronics TDA7348D Datasheet HTML 11Page - STMicroelectronics TDA7348D Datasheet HTML 12Page - STMicroelectronics TDA7348D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1
Soft Mute On
0
1
Soft Mute with fast slope (I = IMAX)
1
1
Soft Mute with slow slope (I = IMIN)
1
Direct Mute
0
1
Zero Crossing Mute On
00
Zero Crossing Mute Off (delayed until next
zerocrossing)
1
Zero Crossing Mute and Pause Detector Reset
0
0
160mV ZC Window Threshold (WIN = 00)
0
1
80mV ZC Window Threshold (WIN = 01)
1
0
40mV ZC Window Threshold (WIN = 10)
1
1
20mV ZC Window Threshold (WIN = 11)
0
Nonsymmetrical Bass Cut (note 4)
1
Symmetrical Bass Cut
An additional direct mute function is included in the Speaker Attenuators.
Note 4: Bass cut for very low frequencies; should not be used at +16 and +18dB bass boost (DC gain)
Mute
MSB
LSB
SPEAKER ATTENUATOR LF, LR, RF, RR
D7
D6
D5
D4
D3
D2
D1
D0
1.25dB step
XXX
0
0
0
0dB
X
X
X
0
0
1
-1.25dB
X
X
X
0
1
0
-2.5dB
X
X
X
0
1
1
-3.75dB
X
X
X
1
0
0
-5dB
X
X
X
1
0
1
-6.25dB
X
X
X
1
1
0
-7.5dB
X
X
X
1
1
1
-8.75dB
10dB step
XXX
0
0
0dB
X
X
X
0
1
-10dB
X
X
X
1
0
-20dB
X
X
X
1
1
-30dB
X
X
X
11111
Speaker Mute
For example an attenuation of 25dB on a selected output is given by: X X X1 0 1 0 0
Speaker Attenuators
TDA7348
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com