Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7375 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7375
Description  2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7375 Datasheet HTML 7Page - STMicroelectronics TDA7375 Datasheet HTML 8Page - STMicroelectronics TDA7375 Datasheet HTML 9Page - STMicroelectronics TDA7375 Datasheet HTML 10Page - STMicroelectronics TDA7375 Datasheet HTML 11Page - STMicroelectronics TDA7375 Datasheet HTML 12Page - STMicroelectronics TDA7375 Datasheet HTML 13Page - STMicroelectronics TDA7375 Datasheet HTML 14Page - STMicroelectronics TDA7375 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Normally the clip detector signalling produces a
low level at pin 10 that is shorter than that present
under faulty conditions; based on this assumption
an interface circuitry to differentiate the informa-
tion is represented in the schematic of fig. 26.
Figure 26.
TDA7375
PCB-LAYOUT GROUNDING (general rules)
The device has 2 distinct ground leads, P-GND
(POWER
GROUND)
and
S-GND
(SIGNAL
GROUND) which are practically disconnected
from each other at chip level. Proper operation re-
quires that P-GND and S-GND leads be con-
nected together on the PCB-layout by means of
reasonably low-resistance tracks.
As for the PCB-ground configuration, a star-like
arrangement whose center is represented by the
supply-filtering electrolytic capacitor ground is
highly advisable. In such context, at least 2 sepa-
rate paths have to be provided, one for P-GND
and one for S-GND. The correct ground assign-
ments are as follows:
STANDBY CAPACITOR, pin 7 (or any other
standby driving networks): on S-GND
SVR CAPACITOR (pin 6): on S-GND and to be
placed as close as possible to the device.
INPUT SIGNAL GROUND (from active/passive
signal processor stages): on S-GND.
SUPPLY FILTERING CAPACITORS (pins 3,13):
on P-GND. The (-) terminal of the electrolytic ca-
pacitor has to be directly tied to the battery (-) line
and this should represent the starting point for all
the ground paths.
TDA7375
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com