Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7383 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7383
Description  4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7383 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7383 Datasheet HTML 1Page - STMicroelectronics TDA7383 Datasheet HTML 2Page - STMicroelectronics TDA7383 Datasheet HTML 3Page - STMicroelectronics TDA7383 Datasheet HTML 4Page - STMicroelectronics TDA7383 Datasheet HTML 5Page - STMicroelectronics TDA7383 Datasheet HTML 6Page - STMicroelectronics TDA7383 Datasheet HTML 7Page - STMicroelectronics TDA7383 Datasheet HTML 8Page - STMicroelectronics TDA7383 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (VS = 14.4V; f = 1KHz; RL =4
Ω;Tamb =25°C;
Refer to the Test and application circuit (fig.1), unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent Current
180
300
mA
VOS
Output Offset Voltage
200
mV
Gv
Voltage Gain
31
32
33
dB
Po
Output Power
THD = 10%
THD = 1%
THD = 10%; VS = 14V
THD = 5%; VS = 14V
THD = 1%; VS = 14V
THD = 10%; VS = 13.2V
THD = 1%; VS = 13.2V
20
16.5
19
17
16
17
14
22
18
21
19
17
18.5
15
W
W
W
W
W
W
W
Po EIAJ
EIAJ Ouput Power (*)
VS = 13.7V
27.5
30
W
Po max.
Max. Output Power (*)
VS = 14.4V
33
35
W
THD
Distortion
Po = 4W
0.05
0.3
%
eNo
Output Noise
”A” Weighted
Bw = 20Hz to 20KHz
75
100
150
µV
µV
SVR
Supply Voltage Rejection
f = 100Hz
50
65
dB
fcl
Low Cut-Off Frequency
20
Hz
fch
High Cut-Off Frequency
75
KHz
Ri
Input Impedance
70
100
K
Ω
CT
Cross Talk
f = 1KHz
50
70
dB
ISB
St-By Current Consumption
St-By = LOW
100
µA
VSB out
St-By OUT Threshold Voltage
(Amp: ON)
3.5
V
VSB IN
St-By IN Threshold Voltage
(Amp: OFF)
1.5
V
AM
Mute Attenuation
VO = 1Vrms
80
90
dB
VM out
Mute OUT Threshold Voltage
(Amp: Play)
3.5
V
VMin
Mute IN Threshold Voltage
(Amp: Mute)
1.5
V
Im (L)
Muting Pin Current
VMUTE = 1.5V
(Source Current)
510
16
µA
ICDOFF
Clipping Detector ”OFF” Output
Average Current
THD = 1% (**)
100
µA
ICDON
Clipping Detector ”ON” Output
Average Current
THD = 10% (**)
100
240
350
µA
(*) Saturated square wave output.
(**) Diagnostics output pulled-up to 5V with 10K
Ω series resistor.
TDA7383
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com