Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7421 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7421
Description  AM/FM TUNER FOR CAR RADIO AND Hi-Fi APPLICATIONS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7421 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7421 Datasheet HTML 1Page - STMicroelectronics TDA7421 Datasheet HTML 2Page - STMicroelectronics TDA7421 Datasheet HTML 3Page - STMicroelectronics TDA7421 Datasheet HTML 4Page - STMicroelectronics TDA7421 Datasheet HTML 5Page - STMicroelectronics TDA7421 Datasheet HTML 6Page - STMicroelectronics TDA7421 Datasheet HTML 7Page - STMicroelectronics TDA7421 Datasheet HTML 8Page - STMicroelectronics TDA7421 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PIN DESCRIPTION (continued)
N.
Name
Function
27
DIG GND
Digital circuits ground
28(*)
IFC SSTOP
AM STEREO OUT
Search stop signal or
Output (single ended) of AM IF amplifier
29
CLN GND
"Clean" ground
30
IF2 GND
IF 2nd ground
31
AM AGC2 TC
AM 2nd AGC time constant
32
AM DET
Connection to the capacitor of the AM diode-capacitor detector
33
AM BPF
Connection to the AM IF filter
34
AM REF
Reference voltage of AM IF amplifier
35
AM IF2 in
Input (single ended) of AM 2nd IF amplifier
36
IF2 VCC
IF 2nd positive supply
37
FM QUOD -
"-" Insertion pt. of FM quadrature network (differential)
38
FM QUAD +
"+" Insertion pt. of FM quadrature network (differential)
39
AUDIO OUT
Audio frequency output (single ended)
40 (*)
FM SD
AM SD
FM Station detector output or
AM Station detector output
41(*)
FM SMETER
AM SMETER
FM DET ADJ
FM S-meter output or
AM S-meter output or
FM detuning adjustment
42
FM MUTE DRIVE
FM mute time constant
43
FM BW TC
FM detuning detector time constant
44
IF1 GND
IF 1st ground
45
FM LIM IN -
Input "-" of FM limiter (differential input)
46
FM LIM IN +
Input "+" of FM limiter (differential input)
47
IF1 VCC
IF 1st positive supply
48
FM IF AMP2 OUT
Output (single ended) of the FM IF 2nd amplifier buffer
49
FM IF AMP2 IN -
Input "-" of the FM IF 2nd amplifier (differential input)
50
FM IF AMP2 IN +
Input "+" of the FM IF 2nd amplifier (differential input)
51
FM IF AMP1 OUT
Output (single ended) of the FM IF 1st amplifier buffer
52
FM IF AMP1 IN -
Input "-" of the FM IF 1st amplifier (differential input)
53
FM IF AMP1 IN +
Input "+" of the FM IF 1st amplifier (differential input)
54
AM MIX2 OUT -
Output "-" of the AM 2nd mixer (differential output)
55
AM MIX2 OUT +
Output "+" of the AM 2nd mixer (differential output)
56
RF VCC
RF stage positive supply
57
AM MIX2 IN -
Input "-" to the AM 2nd mixer (differential input)
58
AM MIX2 IN +
Input "+" to the AM 2nd mixer (differential input)
59
FM IF AGC IN
Input FM IF AGC circuit
60
MIX OUT -
Output "-" of the FM/AM 1st mixer (differential output)
61
MIX OUT +
Output "+" of the FM/AM 1st mixer (differential output)
62
AM AGC1 TC
AM 1st AGC time constant
63
AM AGC1 RF AMP
Voltage output of the AM 1st AGC, to the transistor of the RF AF amplifier
64
AM AGC1 PIN
Current output of the AM 1st AGC, to the PIN diodes antenna AM attenuator
(*) Pin function is user-defined by software.
TDA7421
4/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com