Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7430 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7430 Datasheet HTML 1Page - STMicroelectronics TDA7430 Datasheet HTML 2Page - STMicroelectronics TDA7430 Datasheet HTML 3Page - STMicroelectronics TDA7430 Datasheet HTML 4Page - STMicroelectronics TDA7430 Datasheet HTML 5Page - STMicroelectronics TDA7430 Datasheet HTML 6Page - STMicroelectronics TDA7430 Datasheet HTML 7Page - STMicroelectronics TDA7430 Datasheet HTML 8Page - STMicroelectronics TDA7430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TDA7430
TDA7431
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH
SURROUND SOUND MATRIX AND VOICE CANCELLER
1 STEREO (4 STEREO) INPUT + 1 MIXER IN-
PUT
INPUT ATTENUATION CONTROL IN 0.5dB
STEP
VOICE CANCELLER IS AVAILABLE
TREBLE MIDDLE AND BASS CONTROL
THREE SURROUND MODES ARE AVAIL-
ABLE:
- MUSIC: 4 SELECTABLE RESPONSES
- MOVIE AND SIMULATED:
256 SELECTABLE RESPONSES
2 SPEAKER AND 2 RECORD ATTENU-
ATORS:
- 2 INDEPENDENT SPEAKERS AND 2
INDEPENDENT RECORD CONTROL
IN 1dB STEP FOR BALANCE FACILITY
- AVAILABILITY OF LOUDSPEAKER
EQUALIZATION FIXED BY EXTERNAL
COMPONENTS
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL BUS
DESCRIPTION
The TDA7430/7431 are volume tone (bass middle
and treble) balance (Left/Right) processors with
voice canceller for quality audio applications in
car radio and Hi-Fi systems.
They reproduce surround sound by using pro-
grammable phase shifters and a signal matrix.
Control of all the functions is accomplished by se-
rial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
September 1999
PIN CONNECTIONS
ORDERING NUMBERS: TDA7430 (TQFP44)
TDA7431 (SDIP42)
SDIP42
TQFP44
1
3
2
4
5
6
7
8
9
R_OUT
L_OUT
RECOUT_R
NBLO
RECOUT_L
NBLIN
L_IN
MIX
R_IN
37
36
35
34
33
31
32
30
29
D95AU219B
10
11
12
13
14
42
41
40
39
38
LPVC
NBRIN
NBRO
CREF
VS
15
16
TREBLE_R
TREBLE_L
AGND
SDA
ADDR
SCL
DIG_GND
28
27
26
24
25
23
22
17
18
19
20
21
LP1
HP1
HP2
VOUTREF
VAR_L
VAR_R
BASSO_L
BASSO_R
BASS_LO
PS4
PS3
PS2
PS1
LP
BASS_LI
BASS_RO
BASS_RI
MIDDLE_LI
MIDDLE_LO
MIDDLE_RO
MIDDLE_RI
1
2
3
5
6
4
7
8
9
10
17
11
18 19
20
21 22
44
43
42
41
39
40
38 37
36
35 34
28
27
26
24
23
25
33
32
31
29
30
VAR_L
REARIN
REAROUT
HP1
LP1
HP2.
BASS_LI
BASS_LO
BASSO_R
BASSO_L
VAR_R
L_IN4
RECOUT_L
RECOUT_R
R_OUT
DIG_GND
L_OUT
R_IN1
MIX
L_IN1
L_IN3
L_IN2
D95AU220B
12
13
14
15 16
®
1/21


Similar Part No. - TDA7430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
246Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
REV. 10
TDA7430TR STMICROELECTRONICS-TDA7430TR Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7430 STMICROELECTRONICS-TDA7430_V01 Datasheet
246Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
REV. 10
More results

Similar Description - TDA7430

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
STMicroelectronics
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Feb-1998
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
May-1997
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Feb-1997
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
Sep-2003
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com