Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7435 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7435
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7435 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7435 Datasheet HTML 2Page - STMicroelectronics TDA7435 Datasheet HTML 3Page - STMicroelectronics TDA7435 Datasheet HTML 4Page - STMicroelectronics TDA7435 Datasheet HTML 5Page - STMicroelectronics TDA7435 Datasheet HTML 6Page - STMicroelectronics TDA7435 Datasheet HTML 7Page - STMicroelectronics TDA7435 Datasheet HTML 8Page - STMicroelectronics TDA7435 Datasheet HTML 9Page - STMicroelectronics TDA7435 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DATA BYTE SPECIFICATION
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AUX 1 Input Gain
0000
0dB
0001
1dB
0010
2dB
0011
3dB
0100
4dB
0101
5dB
0110
6dB
0111
7dB
1000
8dB
1001
9dB
1010
10dB
1011
11dB
1100
12dB
1101
13dB
1110
14dB
1111
15dB
AUX 2 Output Selection
0
0
High Pass Filter Front
0
1
High Pass Filter Rear
1
0
Aux 2 Input
1
1
Mute
MUX & GAIN
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
Soft mute - SLOW SLOPE
0
1
Soft mute - FAST SLOPE
0
Soft mute ON
1
Soft mute OFF
0
0
AUX 1 Input Mute Enabled
1
0
AUX 1 Input Mute Disabled
Mute
TDA7435
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com