Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7437 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7437
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7437 Datasheet HTML 10Page - STMicroelectronics TDA7437 Datasheet HTML 11Page - STMicroelectronics TDA7437 Datasheet HTML 12Page - STMicroelectronics TDA7437 Datasheet HTML 13Page - STMicroelectronics TDA7437 Datasheet HTML 14Page - STMicroelectronics TDA7437 Datasheet HTML 15Page - STMicroelectronics TDA7437 Datasheet HTML 16Page - STMicroelectronics TDA7437 Datasheet HTML 17Page - STMicroelectronics TDA7437 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MUTE & PAUSE FEATURES
The TDA7437 provides three types of mute, con-
trolled via I2C bus (see pag. 10, MUTE BYTE regis-
ter).
SOFT MUTE
Bit D0=1
→ Soft Mute ON
Bit D0=0
→Soft Mute OFF
It allows an automatic soft muting and unmuting
of the signal.
The time constant is fixed by an external capaci-
tor Csm inserted between pin Csm and ground.
Once fixed the external capacitor, two different
slopes (time constant) are selectable by program-
mation of bit D1.
Bit D1=0
→ fast slope (I=Imax)
Bit D1=1
→ slow slope (I=Imin)
The soft mute generates a gradual signal de-
creasing avoiding big click noise of an immediate
high attenuation, without necessity to program a
sequence of decreasing volume levels. A re-
sponse example is reported in Fig.12 (mute) and
Fig.13 (unmute). The final attenuation obtained
with soft mute ON is 60dB typical.
The used reference parameter is the delay time
taken to reach 20dB attenuation (no matter what
the signal level is).
Using a capacitor Csm=22nF this delay is:
d = 1. 8ms when selected Fast slope mode (bit D1=0)
d = 25 ms when selected Slow slope mode (bit D1=1
In application, the soft mute ON programmation
should be followed by programmation of DIRECT
MUTE ON (see later) in order to achieve a final
100dB attenuation.
Beside the I2C bus programmation, the Soft Mute
ON can be generated in a fast way by forcing a
LOW level at pin SMEXT (TTL Level compatible).
This approach is recommended for fast RDS AF
switching.
The Soft Mute status can be detected via I2C
bus, reading the Transmitted Byte, bit SM (see
data sheet pag. 8).
read bit SM = 1 soft mute status ON
read bit SM = 0 soft mute status OFF
DIRECT MUTE
bit D3 = 1 Direct mute ON
bit D3 = 0 Direct nute OFF
The direct mute bit forces an internal immediate
signal connection to ground.
It is located just before the Volume/Loudness
stage, and gives a typical 100dB attenuation.
SPEAKERS MUTE
An additional direct mute function is included in
the speakers attenuators stage.
The four output LF, RF, LR, RR can be separately
muted by setting the speaker attenuator byte to
the value 01111111 binary.
Typical attenuation level 100dB. This mute is use-
ful for fader and balance functions. It should not
be applied for system mute/unmute, because it
can generate noise due to the offset of previous
stages (bass / treble).
ZEROCROSSING MUTE
bit D2=1 D4=0 zero crossing mute ON
bit D2=0 D4=0 zero crossing mute OFF
The mute activation/deactivation is delayed until
the signal waveform crosses the DC zero level
(Vref level).
The detection works separately for the left and
the right channels (see Figg. 14, 15). Four differ-
ent windows threshold are software selectable by
two dedicated bits.
bit D6 bit D5
WINDOW
00
Vref DC +/-220mV
01
Vref DC +/-110mV
10
Vref DC +/-60mV
11
Vref DC +/-30mV
The zero crossing mute activation/deactivation
starts when the AC signal level falls inside the se-
lected window (internal comparator).
The ZEROCROSS Mute (and Pause) detector is
always active. It can be disabled, if the feature is
not used, by forcing the bit D4=1 Zero crossing
and Pause detector reset.
In this way the internal comparator logic is
stopped, eliminating its switching noise.
The zero cross mute status is detected reading
the Transmitted Byte bit ZM.
bit ZM = 1 zero cross mute status ON
bit ZM = 0 zero cross mute status OFF
PAUSE FUNCTION
On chip is implemented a pause detector block.
It uses the same 4 windows threshold selectable
for the zero crossing mute, bit D6,D5 byte MUTE
(see above). The detector can be put in OFF by
forcing bit D4=1, otherwise it is active.
The Pause detector info is available at PAUSE
pin. A capacitor must be connected between
PAUSE pin and Ground.
When the incoming signal is detected to be out-
side the selected window, the external capacitor
is discharged. When the signal is inside the win-
dow, the capacitor is integrating up (see Figg.16
and 17).
TDA7437
14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com