Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7466 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7466
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7466 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7466 Datasheet HTML 10Page - STMicroelectronics TDA7466 Datasheet HTML 11Page - STMicroelectronics TDA7466 Datasheet HTML 12Page - STMicroelectronics TDA7466 Datasheet HTML 13Page - STMicroelectronics TDA7466 Datasheet HTML 14Page - STMicroelectronics TDA7466 Datasheet HTML 15Page - STMicroelectronics TDA7466 Datasheet HTML 16Page - STMicroelectronics TDA7466 Datasheet HTML 17Page - STMicroelectronics TDA7466 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
RECORD AND RIGHT CHANNEL SPEAKER ATTENUATION SELECTION
MSB
LSB
SPEAKER/RECORD ATT
D7
D6
D5
D4
D3
D2
D1
D0
1 dB STEPS
000
0
001
-1
010
-2
011
-3
100
-4
101
-5
110
-6
111
-7
8 dB STEPS
0000
0
0001
-8
0010
-16
0011
-24
0100
-32
0101
-40
0110
-48
0111
-56
1000
-64
1001
-72
MUTE
101
X
11
X
X
X = DON’T CARE
SPEAKER/RECORD ATTENUATION = 0dB
∼ -79dB
VOICE CANCELLER/INPUT/RECOUT L & R SELECTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
VOICE CANCELLER
1
110
OFF
1
111
ON
REC OUT ”L”
1
0
0
1
1
VAR 1 (3BAND)
1
0
1
1
1
VAR 2 (SURR)
1
1
0
1
1
VAR 3 (REAR)
1
1
1
1
1
FIX
REC OUT ”R”
1
0
0
1
1
VAR 1(3BAND)
1
0
1
1
1
VAR 2 (SURR)
1
1
0
1
1
VAR 3 (REAR)
111
11
FIX
TDA7466
14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com