Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7496 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7496 Datasheet HTML 2Page - STMicroelectronics TDA7496 Datasheet HTML 3Page - STMicroelectronics TDA7496 Datasheet HTML 4Page - STMicroelectronics TDA7496 Datasheet HTML 5Page - STMicroelectronics TDA7496 Datasheet HTML 6Page - STMicroelectronics TDA7496 Datasheet HTML 7Page - STMicroelectronics TDA7496 Datasheet HTML 8Page - STMicroelectronics TDA7496 Datasheet HTML 9Page - STMicroelectronics TDA7496 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
10
12
14
16
18
20
22
24
26
28
30
32
Suppl y Voltage (V)
16
18
20
22
24
26
28
30
32
Iq (mA)
Vi=0
Quiescent Current vs. Supply Voltage
10
12
14
16
18
20
22
24
26
28
30
32
Supply Voltage (V)
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Vodc (V)
Vi=0
Output DC Voltage vs. Supply Voltage
10
12
14
16
18
20
22
24
26
28
30
32
Suppl y Voltage (V)
100
120
140
160
180
200
220
240
260
280
300
Vodc-Vsvr (V)
Vi=0
Output DC Offset vs. Supply Voltage
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
Ouput Power (W)
THD=10 %
THD=1 %
Rl=8 Ohm
F= 1 KHz
Output Power vs. Supply Voltage
10
10.5
11
11.5
12
12.5
13
13.5
14
Suppl y Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Ouput Power (W)
THD=10 %
THD=1 %
Rl=4 Ohm
F= 1 KHz
Output Power vs. Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Power (W)
0.01
0.1
1
10
Distor tion (%)
Rl=8 Ohm
Vs=22V
F=15 KHz
F=1 KHz
Distortion vs. Output Power
TDA7496
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com