Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7501 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7501
Description  LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7501 Datasheet HTML 1Page - STMicroelectronics TDA7501 Datasheet HTML 2Page - STMicroelectronics TDA7501 Datasheet HTML 3Page - STMicroelectronics TDA7501 Datasheet HTML 4Page - STMicroelectronics TDA7501 Datasheet HTML 5Page - STMicroelectronics TDA7501 Datasheet HTML 6Page - STMicroelectronics TDA7501 Datasheet HTML 7Page - STMicroelectronics TDA7501 Datasheet HTML 8Page - STMicroelectronics TDA7501 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
INPUTS:
- QUASI DIFFERENTIAL STEREO INPUT
FOR CD
- DIFFERENTIAL STEREO INPUTS FOR
PHONE, NAVIGATION, FM, AM
- SINGLE-ENDED INPUT FOR CASSETTE
- FOUR INDEPENDENT INPUT MULTIPLEXER
AND GAIN STAGES
- ENVELOPE-DETECTOR FOR
AM-NOISEBLANKING
- MIXING OF PHONE AND NAVIGATION
- DC-CONNECTION TO DSP
- DUAL MPX INPUTS
OUTPUTS:
- 6 OUTPUT CHANNELS WITH INDEPENDENT
VOLUME CONTROL
- 4 MAIN OUTPUT CHANNELS WITH ADDITIONAL
INPUT SELECTOR FOR PHONE AND/OR
NAVIGATION OR CD
- OUTPUTS FOR UP TO 4V rms
- AC-CONNECTION FROM DSP
DIGITAL CONTROL:
- SPI-BUS OR I
2C BUS INTERFACE
(SELECTABLE)
- DIRECT MUTE FOR THE OUTPUT STAGES
AND/OR HIGH IMPEDANCE MPX MUTE
DESCRIPTION
The Linedriver handles all analog input- and out-
put-signals for the Digital Carradio Signal Proces-
sor TDA7501. The device contains four inde-
pendent input multiplexers to select the sources
for the DSP’s four AD-converters. Four additional
gain stages allow an adaptation to run the ADCs
in best S/N condition.
The six outputs have independent volume stages
with a large dynamic range. Using a 12V-supply
the outputs are able to drive up to 4Vrms .
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
April 1999
®
BLOCK DIAGRAM
TQFP44
TDA7501
LINE-DRIVER FOR DIGITAL CARRADIO
SIGNAL PROCESSOR
PRODUCT PREVIEW
1/18


Similar Part No. - TDA7501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
352Kb / 29P
Line driver for digital car radio Signal processor (DSPLD)
17-Jan-2007
TDA7501TR STMICROELECTRONICS-TDA7501TR Datasheet
352Kb / 29P
Line driver for digital car radio Signal processor (DSPLD)
17-Jan-2007
TDA7501 STMICROELECTRONICS-TDA7501_07 Datasheet
352Kb / 29P
Line driver for digital car radio Signal processor (DSPLD)
17-Jan-2007
More results

Similar Description - TDA7501

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
512Kb / 59P
CARRADIO SIGNAL PROCESSOR
Mar-2000
TDA7405 STMICROELECTRONICS-TDA7405 Datasheet
815Kb / 56P
EQUALIZER CARRADIO SIGNAL PROCESSOR
Oct-2001
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
379Kb / 26P
CARRADIO-SIGNAL-PROCESSOR
Jul-2003
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
CARRADIO SIGNAL PROCESSOR
Sep-2003
TDA7409 STMICROELECTRONICS-TDA7409 Datasheet
296Kb / 25P
CARRADIO-SIGNAL-PROCESSOR
Sep-2003
TDA7412 STMICROELECTRONICS-TDA7412 Datasheet
716Kb / 56P
CARRADIO SIGNAL PROCESSOR
Oct-2003
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
Digital Signal Processor for TV
logo
STMicroelectronics
TDA7405 STMICROELECTRONICS-TDA7405_04 Datasheet
696Kb / 57P
EQUALIZER CARRADIO SIGNAL PROCESSOR
May-2004
TDA7501 STMICROELECTRONICS-TDA7501_07 Datasheet
352Kb / 29P
Line driver for digital car radio Signal processor (DSPLD)
17-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com