Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7511 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7511
Description  AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7511 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7511 Datasheet HTML 2Page - STMicroelectronics TDA7511 Datasheet HTML 3Page - STMicroelectronics TDA7511 Datasheet HTML 4Page - STMicroelectronics TDA7511 Datasheet HTML 5Page - STMicroelectronics TDA7511 Datasheet HTML 6Page - STMicroelectronics TDA7511 Datasheet HTML 7Page - STMicroelectronics TDA7511 Datasheet HTML 8Page - STMicroelectronics TDA7511 Datasheet HTML 9Page - STMicroelectronics TDA7511 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TDA7511
6/41
VCCMIX1
MIX1 supply voltage
7.5
8.5
10
V
VCCMIX2 MIX2 supply voltage
7.5
8.5
10
V
ICC1
Supply current
FM ON
7.5
mA
ICC1
Supply current
AM ON
10
mA
ICC2
Supply current
FM ON
50
mA
ICC2
Supply current
AM ON
60
mA
ICC3
Supply current
2
mA
ICCVCO
Supply current
2.5
mA
ICCMIX1
Supply current
FM ON
6
mA
ICCMIX1
Supply current
AM ON
5
mA
ICCMIX2
Supply current
AM ON
5
mA
Reference Voltages
VREF1
Internal reference voltage
IREF1 = 0mA
5
V
VREF2
Internal reference voltage
IREF2 = 0mA
2.5
V
Wide Band RF AGC
V11
Threshold AGC start
V6 = VCC2/2
80
dB
µV
RIN
Input resistance
500
Ω
CIN
Input capacitance
2.5
pF
Narrow Band RF & Keying AGC
V60
Lower threshold
FMAGC, V11 = 0mVRMS
82
dB
µV
V60
Upper threshold
FMAGC, V11 = 0mVRMS
92
dB
µV
RIN
Input resistance
10
k
Ω
CIN
Input capacitance
2.5
pF
AGC MOSFET Driver Output
V6
Max. AGC output voltage
V11 = 0mVRMS
VCC2
-0.5V
V
V6
Min. AGC output voltage
V11 = 50mVRMS
0.5
V
I6
Min. AGC charge current
V11 = 0mVRMS,V6 = VCC2/2
-12.5
µA
I6
Max. AGC discharge current
V11 = 50mVRMS,V6 = VCC2/2
1.25
mA
AGC PIN Diode Driver Output
I5
AGC OUT, current min.
V11 = 0mVRMS, V5 = 2V
50
µA
I5
AGC OUT, current max.
V11 = 50 mVRMS, V5 = 2V
-6
mA
Mixer1 (10.7MHz)
RIN
Input impedance
Balanced, f = 98MHz
9
Ω
ELECTRICAL CHARACTERISTCS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = 8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 = 10.7MHz, fIF2 = 450KHz, fXtal = 10.25MHz, in test or application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com