Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8132 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8132
Description  5.1V 12V DISABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8132 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8132 Datasheet HTML 1Page - STMicroelectronics TDA8132 Datasheet HTML 2Page - STMicroelectronics TDA8132 Datasheet HTML 3Page - STMicroelectronics TDA8132 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12
3
4
5
6
7
REFERENCE
OUTPUT 1
OUTPUT 2
PROTECTION
DISABLE
DISABLE
TDA8132
OUTPUT 2
OUTPUT 1
DISABLE
DISABLE
INPUT 1
INPUT 2
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage Pin 1
20
V
VDIS
Disable Input Voltage Pins 3-5
20
V
IO1, 2
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
Tstg
Storage Temperature
-65, +150
oC
Tj
Junction Temperature
0, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Maximum Thermal Resistance Junction-case
3
oC/W
Tj
Maximum Recommended Junction Temperature
130
oC
The TDA8132 is a dual voltage regulator with sepa-
rate Disable for each output.
The two regulation parts are supplied from one
voltage reference circuit trimmed by zener zap
during EWS test.
Since the supply voltage of this last is connected at
Pin 1 (VIN1), the regulator 2 will not work if Pin 1 is
not supplied.
The outputs stage have been realized in darlington
configuration with a drop typical 1.2V.
For each output a disable circuit switches-off this
output if a voltage lower than 0.8V is applied at
corresponding Pin (Pin 3 for output 2, Pin 5 for
output 1).
CIRCUIT DESCRIPTION
TDA8132
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com