Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8214 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA8214
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214 Datasheet(HTML) 8 Page - STMicroelectronics

  TDA8214 Datasheet HTML 1Page - STMicroelectronics TDA8214 Datasheet HTML 2Page - STMicroelectronics TDA8214 Datasheet HTML 3Page - STMicroelectronics TDA8214 Datasheet HTML 4Page - STMicroelectronics TDA8214 Datasheet HTML 5Page - STMicroelectronics TDA8214 Datasheet HTML 6Page - STMicroelectronics TDA8214 Datasheet HTML 7Page - STMicroelectronics TDA8214 Datasheet HTML 8Page - STMicroelectronics TDA8214 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
13
5.8k
Ω
V
2.5V
R
V
2.75V
H
VL
2.25V
Line retrace
12
µs
Video
Ident.
Output
VCC1
10k
Ω
BC547
1N4148
8
1k
Ω
VCC1
V
R1
10
µF
V
R1
Line Sync.
V
R
VL
V
H
Line
Flyback
Integrated
Flyback
Line
Sync.
I8
Sampling Pulse
with video
without video
Figure 8 : Video Identification Circuit (Pin 8)
22nF
Vcc1
IN4002
IN4148
SSC
Vcc1
Line
Flyback
Vcc1
12nF
Horizontal
Frequency
Vertical
Amplitude
220nF
Video
Input
22nF
pp
Video Identification
BC547
2
1
8
3
9
4
10
7
14
20
13
18
12
11
5
6
15
16
19
17
100nF
100nF
220pF
180nF
Vcc
+24V
100
µF
4.7
Ω
820k
Ω
10k
Ω
47
µF
27k
Ω
120pF
220nF
68pF
180pF
2.2nF
1.5k
Ω
560k
Ω
15k
Ω
100k
Ω
4.7k
Ω
1
µF
100k
Ω
22k
Ω
22k
Ω
2.2k
Ω
680pF
100
Ω
1000
µF
220k
Ω
220k
Ω
22k
Ω
100
Ω
1
Ω
270
Ω
100nF
2.2
Ω
IN4148
10
µF
470
µF
Frame Yoke
30 mH, 15
Ω
I
= 840mA
TDA 8214B
TYPICAL APPLICATION
TDA8214B
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com