Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8218 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA8218
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8218 Datasheet(HTML) 6 Page - STMicroelectronics

  TDA8218 Datasheet HTML 1Page - STMicroelectronics TDA8218 Datasheet HTML 2Page - STMicroelectronics TDA8218 Datasheet HTML 3Page - STMicroelectronics TDA8218 Datasheet HTML 4Page - STMicroelectronics TDA8218 Datasheet HTML 5Page - STMicroelectronics TDA8218 Datasheet HTML 6Page - STMicroelectronics TDA8218 Datasheet HTML 7Page - STMicroelectronics TDA8218 Datasheet HTML 8Page - STMicroelectronics TDA8218 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
11
Phase
comparator
output
R5
R4
Vcc1
Figure 3 : Line Oscillator
Line
Flyback
Sync pulse
Output
Current
Vc
Integrated
Flyback
Figure 4 : Phase Comparator
13
12
Vcc1
Vc
SL2
ST1
Figure 5
The oscillator thresholds are internally fixed by
resistors. The discharge of the capacitor depends
on the internal resistor R4. The control voltage is
applied on resistor R5.
The sync-pulse drives the current in the compara-
tor. The line flyback integrated by the external net
work gives on pin 13 a saw tooth, the DC offset of
this saw tooth is fixed by VC. The comparator
output provides a positive current for the part of the
signal on pin 13 greater than to VC and a negative
current for the other part. When the line flyback and
the video signal are synchronized, the output of the
comparator is an alternatively negativeand positive
current. The frame sync-pulse inhibits the compa-
rator to prevent frequency drift of the line oscillator
on the frame beginning.
TDA8218
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com